AD9571ACPZPEC-R7
AI

### AD9571ACPZPEC-R7 Technical Overview
The **AD9571ACPZPEC-R7** is a specialized, highly integrated clock generator designed by Analog Devices. It is specifically engineered to provide low jitter clock signals for networking applications, such as Ethernet, Fibre Channel, and PCIe.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Function** | Clock Generator / Frequency Synthesizer |
| **Input Frequency** | 25 MHz (typically from a crystal) |
| **Output Type** | LVPECL, LVDS (programmable) |
| **Number of Outputs** | 11 Outputs |
| **Jitter Performance** | < 0.5 ps RMS (12 kHz to 20 MHz) |
| **Supply Voltage** | 3.3 V |
| **Package Type** | 40-LFCSP (6mm x 6mm) |
---
### 2. Core Functional Blocks
The device operates using several internal components to ensure high-precision timing:
* **Phase-Locked Loop (PLL):** It features a high-performance fractional-N or integer-N PLL that locks onto the 25 MHz reference.
* **Voltage Controlled Oscillator (VCO):** The internal VCO operates at a high frequency (around 2.5 GHz) to allow for fine-grained division into various standard networking frequencies.
* **Dividers:** Independent output dividers allow the chip to generate different frequencies simultaneously (e.g., 100 MHz for PCIe and 156.25 MHz for Ethernet).
* **Output Drivers:** These support multiple logic levels, allowing the chip to interface with various ICs without external level shifters.
---
### 3. Application Use Cases
This part is commonly found in high-speed data communication hardware:
1. **Switches and Routers:** Providing the base clock for 10G/40G/100G Ethernet PHYs.
2. **Storage Area Networks (SAN):** Generating frequencies required for Fibre Channel protocols.
3. **Computing:** Distributing PCIe Gen2 and Gen3 compliant clocks.
---
### 4. Part Number Breakdown (Suffix Meaning)
* **AD9571:** Base Model Number.
* **A:** Performance grade.
* **CP:** Chip Scale Package (LFCSP).
* **Z:** RoHS compliant (Lead-free).
* **PEC:** Specific internal configuration for output types (LVPECL focus).
* **R7:** Packaging format (7-inch Reel, typically 750 or 1000 units).
---
- ⤷
How does the jitter performance of the AD9571 compare to the AD9572?
- ⤷ What are the specific power consumption ratings for this IC under full load?
- ⤷ Can this device be programmed via I2C or SPI
- ⤷ or is it pin-configurable?