AD4680BCPZ-R2
AI

## Overview of the AD4680BCPZ-R2
The **AD4680BCPZ-R2** is a high-performance, ultra-low power, 16-bit analog-to-digital converter (ADC). It is part of Analog Devices' precision SAR (Successive Approximation Register) ADC family, designed for high-speed data acquisition in space-constrained applications.
---
### Key Technical Specifications
The following table summarizes the core electronic characteristics of the AD4680BCPZ-R2:
| Feature | Specification |
| :--- | :--- |
| **Architecture** | SAR (Successive Approximation Register) |
| **Resolution** | 16-Bit |
| **Throughput Rate** | 1 MSPS (Mega Samples Per Second) |
| **Number of Channels** | 2 (Simultaneous Sampling) |
| **Interface** | SPI-compatible Serial Interface |
| **Power Consumption** | ~5.5 mW at 1 MSPS |
| **Input Type** | Pseudo-Differential / Differential |
| **Package** | 16-Lead LFCSP (Lead Frame Chip Scale Package) |
---
### Internal Functional Blocks
1. **Analog Input Circuitry**: It features high-impedance inputs that simplify the drive requirements, often allowing for direct connection to sensors or low-power amplifiers.
2. **SAR Core**: The heart of the chip that converts the analog voltage into a digital 16-bit word through a binary search process.
3. **Reference Buffer**: It includes internal buffering to handle the capacitive charging of the SAR DAC, ensuring conversion accuracy.
4. **Digital Interface**: Uses a high-speed SPI bus (Serial Peripheral Interface) to output data. It supports various clocking modes to interface with MCUs, FPGAs, or DSPs.
---
### Application Use Cases
Because of its small footprint and low power profile, this part is commonly found in:
* **Motor Control:** Monitoring current and position with high precision.
* **Medical Equipment:** Portable diagnostics and imaging where battery life is critical.
* **Industrial Automation:** High-speed PLC (Programmable Logic Controller) input modules.
* **Data Acquisition Systems:** Multi-channel systems requiring simultaneous sampling.
---
### Typical Connection Diagram (Snippet)
```c
// Example logic flow for reading the AD4680 via SPI
void read_adc_data() {
CS_LOW(); // Start Conversion
delay_conversion_time(); // Wait for t_conv
uint16_t chA = SPI_Transfer(0x00); // Read Channel A
uint16_t chB = SPI_Transfer(0x00); // Read Channel B
CS_HIGH(); // End Transaction
}
```
- ⤷
What are the specific power supply voltage requirements for the AD4680BCPZ-R2?
- ⤷ How does simultaneous sampling in this chip differ from multiplexed ADCs?
- ⤷ What is the Signal-to-Noise Ratio (SNR) performance for this 16-bit model?