Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • ABC-2-R

  • AI
    The **ABC-2-R** is a specific part number typically associated with the **Bussmann (Eaton)** series of fast-acting ceramic tube fuses. It is widely used in industrial and consumer electronics to provide overcurrent protection for sensitive circuits. --- ## 1. Technical Specifications The "ABC" series is defined by its physical size and electrical characteristics. Below are the standard specifications for the **ABC-2-R**: | Property | Value | | :--- | :--- | | **Part Number** | ABC-2-R | | **Current Rating** | 2 Amperes (2A) | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Fuse Type** | Fast-Acting / Fast-Blow | | **Body Material** | Ceramic Tube | | **Termination Style** | Cartridge (Ferrule) | | **Physical Dimensions** | 1/4" x 1-1/4" (6.3mm x 32mm) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ## 2. Breakdown of Part Number Nomenclature Understanding the suffix and prefix helps in identifying the exact electronic application: * **ABC**: Represents the series name. Ceramic fuses (ABC) are used instead of glass (AGC) when a higher interrupting rating is required because ceramic does not shatter as easily under high-fault currents. * **2**: Indicates the continuous current rating in Amperes. * **-R**: Signifies **RoHS Compliance** (Lead-free), ensuring it meets modern environmental safety standards. --- ## 3. Key Electronic Characteristics ### Interrupting Rating Unlike standard glass fuses, the ABC-2-R has a high interrupting rating. At 250VAC, it can typically handle a fault current of **100A**, and at 125VAC, it can handle up to **10,000A**. This makes it safer for use in power supplies where a massive short circuit might occur. ### Fast-Acting Mechanism This fuse is designed to blow very quickly (within milliseconds) once the current exceeds its 2A threshold. * **Use Case:** Protecting digital ICs, meters, and power supplies. * **Avoidance:** Do not use this for motors or inductive loads that have a "startup surge," as the fuse will blow prematurely. --- ## 4. Typical Applications * **Electronic Instruments:** Multimeters and oscilloscopes. * **Power Supplies:** Protecting the primary or secondary side of AC/DC converters. * **Industrial Control Panels:** Protecting low-voltage control circuits. * **Consumer Appliances:** High-end audio equipment or kitchen appliances requiring precision protection.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between ABC and AGC series fuses?
    • ⤷ How does the 'Fast-Acting' speed compare to a 'Time-Delay' fuse?
    • ⤷ Can an ABC-2-R fuse be used in a DC circuit higher than 125V?