AI

The **A2201** is a high-performance, single-chip CMOS Integrated Circuit (IC) primarily used in **infrared (IR) remote control systems**. It is commonly found in household appliances like televisions, air conditioners, and DVD players.
### 1. Key Technical Specifications
The A2201 acts as a transmitter encoder, converting button presses into modulated infrared signals.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 2.0V to 5.0V (Standard 3V) |
| **Standby Current** | < 1μA (Ultra-low power consumption) |
| **Transmission Frequency** | 38kHz (Typical carrier frequency) |
| **Input Pins** | Matrix scan pins for keypad input |
| **Package Types** | SOP16, DIP16, or COB (Chip on Board) |
---
### 2. Functional Components
The IC is divided into several internal functional blocks that work together to process user input:
* **Oscillator Circuit:** Generates the clock signal (usually using a 455kHz ceramic resonator) required for timing and carrier frequency generation.
* **Key Scan Logic:** Monitors a matrix of buttons. When a button is pressed, the IC wakes up from sleep mode and identifies the specific key code.
* **Encoding Logic:** Formats the data according to the transmission protocol (often compatible with the NEC or RC5 standards).
* **Modulator:** Combines the data bits with the 38kHz carrier wave.
* **Output Driver:** Sends the modulated signal to the REM (Remote) pin, which drives an external Infrared LED via a transistor.
---
### 3. Application Circuit Example
In a typical circuit, the A2201 requires minimal external components:
```mermaid
graph LR
A[Battery 3V] --> B(A2201 IC)
C[Key Matrix] --> B
D[Ceramic Resonator] --> B
B --> E[Transistor]
E --> F[IR LED]
```
### 4. Common Troubleshooting
If a device using the A2201 is not working, technicians usually check the following:
1. **Power Supply:** Ensure the 3V battery is not depleted.
2. **Resonator:** The 455kHz ceramic resonator is fragile; if dropped, it may stop oscillating.
3. **The REM Pin:** Use an oscilloscope or a logic probe to see if a pulse train is leaving the IC when a button is pressed.
---
- ⤷What is the difference between A2201 and the common PT2262 encoder?
- ⤷ How do I calculate the resistor value for the IR LED driven by an A2201?
- ⤷ Can the A2201 be used with 433MHz RF transmitters instead of IR?