A-MCSSP60100G-R
AI

## A-MCSSP60100G-R: Electronic Component Analysis
The **A-MCSSP60100G-R** is a high-performance **Cat6a Shielded (S/FTP) Patch Cable** manufactured by ASSMANN WSW Components. While it is a passive assembly, its construction involves specific electronic and material engineering to support high-speed data transmission.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Category** | Cat6a (10 Gigabit Ethernet) |
| **Cable Type** | S/FTP (Shielded Foiled Twisted Pair) |
| **Connector Type** | RJ45 (8P8C) |
| **Length** | 10.0 Meters |
| **Color** | Green |
| **Manufacturer** | ASSMANN WSW Components |
---
### 2. Electronic Construction & Parts
The performance of this cable is dictated by its internal physical components, which are designed to minimize electromagnetic interference (EMI) and signal attenuation.
#### A. The Conductors
* **Material:** 100% Bare Copper (BC).
* **Gauge:** Typically **26/7 AWG** (Stranded).
* **Function:** Stranded copper provides flexibility for patch environments while maintaining low DC resistance, ensuring the signal reaches the destination with minimal loss.
#### B. Shielding Architecture (S/FTP)
This cable uses a dual-layer shielding method to achieve 500MHz bandwidth:
1. **Individual Pair Shielding (PIMF):** Each of the 4 twisted pairs is wrapped in an aluminum polyester foil. This eliminates **Near-End Crosstalk (NEXT)** between internal pairs.
2. **Overall Braid Shielding:** A tin-plated copper braid surrounds all four pairs. This acts as a Faraday cage, protecting the signal from external **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**.
#### C. RJ45 Connector Assembly
* **Contacts:** Gold plating (typically 50µ") over nickel. Gold prevents oxidation and ensures a low-resistance physical connection.
* **Shielding:** The RJ45 housing is encased in metal to ensure the cable's braid shield makes a continuous electrical ground with the hardware port.
* **Strain Relief:** Molded "snagless" boots protect the locking clip and prevent the wire from fraying at the termination point.
---
### 3. Electrical Performance Ratings
| Parameter | Value |
| :--- | :--- |
| **Bandwidth** | Up to 500 MHz |
| **Data Rate** | 10 Gbps (10GBASE-T) |
| **PoE Compatibility** | Supports PoE, PoE+, and PoE++ (Type 3/4) |
| **Jacket Material** | LSZH (Low Smoke Zero Halogen) |
---
### 4. Application Context
The "R" suffix often denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards, ensuring the electronic parts do not contain lead, mercury, or cadmium. This cable is primarily used in data centers and server rooms where high-density cabling requires superior shielding to prevent signal degradation.
---
- ⤷
What is the difference between S/FTP and U/UTP in terms of signal integrity?
- ⤷ Does the 10-meter length affect the 10Gbps speed rating of this cable?
- ⤷ Is this cable compatible with standard Cat6 or Cat5e network ports?