Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 791104

  • AI
    The term **791104** is commonly associated with a specific series of **High-Voltage Rectifier Diodes** or specific industrial power supply modules, most notably those produced by companies like **Vishay** or used in specific automotive/industrial assemblies. Below is an overview of the electronic specifications and characteristics typically associated with components under this part number. --- ### 1. Component Overview The 791104 series generally refers to **Rectifier Diodes** designed for high-voltage regulation and power conversion. These are critical in circuits where AC (Alternating Current) needs to be converted to DC (Direct Current) under high-stress conditions. ### 2. Technical Specifications (Typical) While specifications can vary slightly by manufacturer, the standard parameters for a 791104-style high-voltage diode are as follows: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Rectifier Diode | Standard recovery or Fast recovery | | **Max Peak Reverse Voltage** | 400V - 1000V | The maximum voltage the diode can withstand in reverse bias. | | **Forward Current (If)** | 1.0A - 3.0A | The maximum continuous current allowed to flow forward. | | **Package Type** | DO-41 / DO-204AL | Axial leaded plastic package. | | **Operating Temperature** | -65°C to +150°C | Thermal range for stable operation. | | **Forward Voltage Drop** | ~1.1V | Voltage lost across the diode during conduction. | --- ### 3. Key Functions in a Circuit * **Rectification:** Converting AC mains power into a pulsing DC signal. * **Clamping/Snubbing:** Protecting sensitive components (like MOSFETs) from high-voltage spikes caused by inductive loads. * **Reverse Polarity Protection:** Ensuring current only flows in one direction to prevent damage if a battery or power source is connected incorrectly. ### 4. Common Applications 1. **Switch Mode Power Supplies (SMPS):** Used in the secondary stage for voltage output regulation. 2. **Automotive Electronics:** Often found in alternator assemblies or lighting control modules. 3. **Consumer Electronics:** Power adapters for laptops, monitors, and household appliances. ### 5. Identification and Substitutes If you are looking to replace a 791104 part, ensure the replacement matches the **Current (Amps)** and has an equal or higher **Reverse Voltage (VRRM)** rating. Common universal substitutes often include the **1N4007** (for low current) or the **1N5408** (for higher current) series, depending on the specific circuit requirements. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for your 791104 component?
    • ⤷ Are you looking for a datasheet or a compatible replacement part?
    • ⤷ Is this part being used in an automotive or a consumer electronics application?