AI

The **7411P3CWCQE** is a specific part number for a high-quality **Toggle Switch** manufactured by **C&K** (now part of Littelfuse). It belongs to the 7000 Series, which is industry-standard for versatile, multi-pole switches.
Below is a detailed breakdown of its specifications and electrical characteristics.
---
### 1. Part Number Breakdown
Understanding the nomenclature reveals the exact features of the component:
| Code Segment | Feature | Description |
| :--- | :--- | :--- |
| **7411** | Model/Pole | 4PDT (Four Pole, Double Throw) - On-On-On function |
| **P3** | Actuator | 1.14" Long, Flatted Toggle (Anti-rotation) |
| **CW** | Bushing | Threaded, 0.350" high, with internal O-ring seal |
| **CQ** | Terminals | PC Through-hole with Silver contacts |
| **E** | Seal | Epoxy terminal seal (prevents contamination during soldering) |
---
### 2. Electrical Specifications
These parameters define the operational limits for the switch:
* **Contact Rating:**
* 5 Amps @ 120 V AC or 28 V DC.
* 2 Amps @ 250 V AC.
* **Contact Resistance:** Below 10 mΩ typ. initial @ 2-4 V DC, 100 mA.
* **Insulation Resistance:** $10^9$ Ω minimum.
* **Dielectric Strength:** 1,000 Vrms minimum at sea level.
* **Operating Temperature:** -30°C to 85°C.
---
### 3. Key Physical Features
#### A. 4PDT Configuration (Four Pole, Double Throw)
The "7411" designates a complex switching circuit. It has 12 terminals (plus common) and can control four independent circuits simultaneously. In the "On-On-On" configuration, it is often used for complex signal routing or multi-stage power control.
#### B. Environmental Protection (CW Bushing)
The "CW" designation indicates that the switch is **splash-proof**. It includes an internal O-ring that protects the contact mechanism from dust and moisture entering through the front panel.
#### C. Materials
* **Case:** Glass filled nylon 6/6, flame retardant, heat stabilized.
* **Actuator:** Brass, chrome plated.
* **Contacts:** Coin silver, silver plated (ideal for power applications).
* **Terminal Seal:** Epoxy (standard for preventing flux wicking during wave soldering).
---
### 4. Applications
Due to its 4PDT configuration and rugged build, this switch is typically found in:
* Control panels for industrial machinery.
* Professional audio/video switching equipment.
* Medical instrumentation.
* Telecommunications infrastructure.
- ⤷
What is the wiring diagram for an 'On-On-On' 4PDT switch?
- ⤷ How does the 'CW' seal compare to an IP67 rating?
- ⤷ What are the alternatives to silver contacts for low-level logic switching?