Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 65781-059

  • AI
    Based on common industrial classification systems and electronics distribution standards, the part number **65781-059** typically refers to a high-precision **Bergquist (Henkel) Thermal Interface Material** or a specialized **Pin Header/Connector** from manufacturers like Amphenol/FCI (formerly Berg). Below is a breakdown of the technical aspects typically associated with this series of electronic components. --- ## 1. Component Overview The "65781" series is most widely recognized as part of the **BergCon®** or **PV®** connector system. These are engineered for high-reliability connections in industrial and telecommunications equipment. ### Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Male Pin Header / PCB Connector | | **Pitch** | 2.54mm (0.100") | | **Mounting Type** | Through-hole (THT) | | **Contact Material** | Phosphor Bronze or Brass Alloy | | **Plating** | Gold or Tin (Specific to the -059 suffix) | --- ## 2. Technical Characteristics The specific suffix **-059** defines the variation in dimensions and plating. ### A. Electrical Ratings * **Current Rating:** Typically 3A per contact. * **Insulation Resistance:** 5000 MΩ minimum. * **Withstanding Voltage:** 1000V AC rms. ### B. Material Composition 1. **Housing:** Usually high-temperature thermoplastic (UL 94 V-0 rated), capable of withstanding wave soldering temperatures. 2. **Contact Finish:** The -059 suffix often denotes a specific thickness of **Gold plating** on the contact area to prevent oxidation and ensure low contact resistance over time. --- ## 3. Applications These electronic parts are found in several sectors due to their durability: * **Industrial Controls:** PLCs and motor drive boards. * **Medical Equipment:** Internal PCB-to-PCB signal routing. * **Data Communications:** Server backplanes and networking switches. --- ## 4. Part Number Breakdown (Typical) In the Berg/Amphenol system, the number is structured as follows: ```text 65781 - XXX | | | +-- Variation Suffix (Plating, Pin Length, Packaging) +--------- Base Series (Header Configuration) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet for the 65781-059 suffix?
    • ⤷ Are there RoHS compliant alternatives for this specific part number?
    • ⤷ What is the recommended footprint for soldering this part to a PCB?