Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 5MF100-R

  • AI
    ## Overview of the 5MF100-R The **5MF100-R** is a specific type of electronic component, categorized as a **Fast-Acting Glass Body Cartridge Fuse**. It is manufactured by companies like Bel Fuse Inc. and is designed to protect electronic circuits from overcurrent conditions by breaking the circuit when the current exceeds its rated limit. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Current Rating** | 100 mA (Milliamps) | | **Voltage Rating (AC)** | 250 V | | **Response Characteristic** | Fast-Acting (F) | | **Body Material** | Glass | | **Size / Dimension** | 5mm x 20mm (Standard Small Cartridge) | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Status** | RoHS Compliant (Lead-Free) | --- ### Component Features and Functions 1. **Fast-Acting Mechanism**: Unlike "Slow-Blow" fuses, the 5MF100-R is designed to open almost instantly when an overload occurs. This is critical for protecting sensitive semiconductor devices. 2. **Glass Body**: The transparent glass allows for easy visual inspection to determine if the internal filament has melted (blown). 3. **Interrupting Rating**: These fuses typically have a specific breaking capacity (e.g., 35A @ 250V AC) which defines the maximum current the fuse can safely interrupt without exploding or arching. 4. **Low Current Threshold**: At 100mA, this is a very low-current fuse, typically used for signal-level protection or small power supplies. --- ### Common Applications The 5MF100-R is widely used in both consumer and industrial electronics where precise, low-amperage protection is required: * **Power Supplies**: Protecting the input or output stages of small AC/DC adapters. * **Instrumentation**: Used in multimeters, oscilloscopes, and medical testing equipment. * **Consumer Electronics**: Found in older audio/video equipment and small household appliances. * **Industrial Controls**: Protecting PLC (Programmable Logic Controller) inputs and communication ports. --- ### Naming Breakdown (Part Number Decoder) | Segment | Meaning | | :--- | :--- | | **5MF** | Series designation (5x20mm Fast-acting) | | **100** | Rated current (100 Milliamperes) | | **-R** | RoHS Compliant (Lead-free) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5MF and 5MT series fuses?
    • ⤷ Can a 100mA fuse be replaced with a 200mA fuse in an emergency?
    • ⤷ What is the standard breaking capacity for this specific fuse?