Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 5132..

  • AI
    It appears you are referring to the **5132** series, which most commonly relates to high-precision operational amplifiers or specialized voltage regulators (such as the **OPA5132** or **TPS5132** family). Below is an overview of the electronic components associated with this part number. --- ## 1. OPA5132 (Operational Amplifier) The OPA5132 is a high-speed, high-precision FET-input operational amplifier often used in signal processing. ### Key Specifications | Feature | Description | | :--- | :--- | | **Input Type** | FET-Input (Low bias current) | | **Bandwidth** | Approximately 8 MHz | | **Slew Rate** | 20 V/µs | | **Voltage Range** | ±4.5V to ±18V | | **Common Uses** | Photodiode amps, data acquisition, medical tools | --- ## 2. TPS5132 (DC-DC Controller) In the realm of power management, the TPS5132 is a specialized synchronous buck controller, typically used in notebook computers or power supplies for CPUs. ### Technical Details * **Dual-Phase:** Often used to handle high current loads by splitting the power across two phases. * **Efficiency:** Designed for high efficiency at light loads. * **Protection:** Includes over-voltage, under-voltage, and thermal shutdown features. --- ## 3. General Electronic Characteristics If you are looking at a generic 5132 component (like a surface-mount resistor or capacitor marked with these digits): * **Resistor Marking:** A resistor marked `5132` usually follows the 4-digit coding system: * **513** = Significant digits (513) * **2** = Multiplier ($10^2$) * **Value:** $51,300\,\Omega$ or **51.3 kΩ**. * **Package Types:** These parts are commonly found in **SOIC-8**, **TSSOP**, or **QFN** packages depending on the specific manufacturer (TI, Analog Devices, etc.). --- ### Comparison of 5132 Variations | Part Number | Primary Function | Industry Application | | :--- | :--- | :--- | | **OPA5132** | Signal Amplification | Audio & Instrumentation | | **TPS5132** | Voltage Regulation | Laptop Motherboards | | **5132 Resistor** | Current Limiting | General Circuitry |
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of a specific manufacturer like Texas Instruments?
    • ⤷ Are you trying to identify a 5132 resistor value or an integrated circuit?
    • ⤷ Do you need the pinout diagram for the OPA5132 amplifier?