Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 3QL60AS-22

  • AI
    The **3QL60AS-22** is a high-power, industrial-grade **Three-Phase Bridge Rectifier Module**. It is designed to convert three-phase alternating current (AC) into a steady direct current (DC) output, typically used in demanding electrical environments. --- ### 1. Key Technical Specifications The model name generally indicates its performance limits. Below are the estimated specifications based on standard industrial naming conventions for this series: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | 3-Phase Diode Bridge Rectifier | | **Maximum Average Rectified Current ($I_O$)** | 60 Amperes | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 2200 Volts (Indicated by "-22") | | **Number of Diodes** | 6 Diodes (configured in a bridge) | | **Mounting Type** | Chassis Mount / Screw Terminals | | **Isolation Voltage** | Usually 2500V AC (Case to Terminal) | --- ### 2. Internal Circuit Configuration The module contains six power diodes arranged in a specific network to handle three input phases (L1, L2, L3). ```mermaid graph LR AC1((L1)) --> D1[Diode 1] & D2[Diode 2] AC2((L2)) --> D3[Diode 3] & D4[Diode 4] AC3((L3)) --> D5[Diode 5] & D6[Diode 6] D1 & D3 & D5 --> DC_Pos[+] D2 & D4 & D6 --> DC_Neg[-] ``` --- ### 3. Physical & Design Features * **Electrically Isolated Base:** The internal diodes are isolated from the metal base plate. This allows multiple modules to be mounted on the same heatsink without short-circuiting. * **Encapsulation:** Usually potted in a robust plastic housing with epoxy resin to resist moisture, vibration, and thermal cycling. * **High Voltage Rating:** The "22" suffix (2200V) makes it suitable for high-voltage industrial grids (480V, 600V, and higher) with a significant safety margin against voltage spikes. --- ### 4. Common Applications The **3QL60AS-22** is primarily found in heavy-duty equipment where reliable DC power is required: 1. **Variable Frequency Drives (VFDs):** Acts as the primary input stage to convert AC grid power to a DC bus. 2. **DC Motor Controls:** Provides the power supply for large industrial motors. 3. **Battery Charging Systems:** High-current chargers for industrial forklifts or backup banks. 4. **Welding Equipment:** Converts AC to DC for stable arc welding. 5. **Power Supplies:** Used in large-scale DC power plants and telecommunications. --- ### 5. Installation Precautions * **Thermal Management:** At 60A, the module generates significant heat. It **must** be mounted on an appropriately sized heatsink with thermal grease (silicon compound). * **Torque:** When connecting wires to the screw terminals, follow the manufacturer's torque specifications to prevent arcing or physical damage to the module.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a 60A bridge rectifier under full load?
    • ⤷ How do I test a 3QL60AS-22 module using a digital multimeter?
    • ⤷ Can this module be used in a single-phase application?