398LMB080M2DF
AI

## Technical Overview: 398LMB080M2DF
The **398LMB080M2DF** is a high-performance **Aluminum Electrolytic Capacitor** manufactured by **Illinois Capacitor** (a brand under Cornell Dubilier - CDE). It belongs to the **LMB series**, which is designed for high reliability and high ripple current applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 3900 µF |
| **Voltage Rating (DC)** | 80 VDC |
| **Tolerance** | ±20% (at 120 Hz, 20°C) |
| **Temperature Range** | -40°C to +105°C |
| **Lifetime (Load Life)** | 3,000 Hours @ 105°C |
| **Termination Style** | Snap-In (2-Leads) |
| **Mounting Type** | Through Hole |
---
### 2. Physical Dimensions & Construction
* **Diameter:** 35.00 mm
* **Height (Seated):** 40.00 mm
* **Lead Spacing:** 10.00 mm
* **Case Style:** Aluminum Can with an insulating sleeve and a pressure relief vent on the top/side.
---
### 3. Electrical Characteristics
* **ESR (Equivalent Series Resistance):** Typically very low, measured at 120Hz. For this specific model, it is approximately **63.76 mΩ**.
* **Ripple Current:** Capable of handling high ripple currents (approx. **4.25 Amps** at 120Hz/105°C), making it suitable for power supply smoothing.
* **Leakage Current:** Calculated as $0.02CV$ or $3mA$ (whichever is less) after 5 minutes of applied voltage.
---
### 4. Typical Applications
The 398LMB080M2DF is commonly found in industrial and consumer electronics where stable power delivery is critical:
1. **Switching Power Supplies (SMPS):** Used for input/output filtering.
2. **Uninterruptible Power Supplies (UPS):** Energy storage and DC link buffering.
3. **Motor Controllers:** Managing voltage spikes and ripple in drive circuits.
4. **Audio Amplifiers:** Providing large reservoirs of energy for bass peaks.
---
### 5. Part Number Breakdown (CDE/Illinois Capacitor)
```text
398 - Capacitance (39 + 8 zeros in pF = 3900 uF)
LMB - Series Name (Snap-in, 105°C)
080 - Voltage (80 Volts DC)
M - Tolerance (+/- 20%)
2DF - Case Code (Specific D x L dimensions)
```
- ⤷
What are the equivalent alternative parts for this capacitor from other manufacturers like Nichicon or United Chemi-Con?
- ⤷ How does the ripple current rating change if the operating temperature is lower than 105°C?
- ⤷ What is the specific PCB footprint layout required for the 2-pin snap-in termination?