Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 320920342

  • AI
    The part number **320920342** is commonly associated with industrial and heavy equipment components, specifically within the **JCB** (J.C. Bamford Excavators Ltd.) ecosystem. This specific part is an **electronic pressure sensor (transducer)**. --- ### Technical Overview This component is an electromechanical device designed to monitor fluid pressure (typically hydraulic or oil pressure) and convert it into an electrical signal for the Machine Control Unit (MCU). | Specification Field | Details | | :--- | :--- | | **Component Type** | Pressure Sensor / Transducer | | **Primary Use** | Hydraulic system monitoring | | **Output Type** | Analog Voltage or Current signal | | **Connector Type** | Usually a sealed automotive-grade plug (e.g., Deutsch or AMP) | | **Common Application** | Backhoe Loaders, Telehandlers, Excavators | --- ### Key Electronic Functions The 320920342 sensor performs three primary electronic tasks: 1. **Sensing:** Uses a piezoresistive or strain gauge element to detect physical pressure changes in the hydraulic line. 2. **Signal Conditioning:** Internal circuitry amplifies the micro-signals from the sensing element to a usable range (usually 0-5V or 4-20mA). 3. **Communication:** Sends real-time data to the machine's dashboard or ECU to trigger warnings (low oil pressure) or adjust valve timing. ### Common Failure Modes Electronic sensors in heavy machinery are subject to harsh conditions. Common issues include: * **Signal Drift:** The sensor provides inaccurate readings due to internal component aging. * **Open Circuit:** Damage to the internal wiring or the connector pins resulting in a "No Signal" error code. * **Short to Ground:** Moisture ingress or insulation failure causing a short circuit, often blowing a fuse in the machine's power distribution board. --- ### Maintenance & Testing To test this electronic part, technicians typically use a Multimeter or an OBD-style diagnostic tool: ```python # Example logic for an ECU reading this sensor def check_hydraulic_pressure(voltage_input): # Standard mapping for a 0-5V sensor min_voltage = 0.5 max_voltage = 4.5 if voltage_input < min_voltage: return "Error: Sensor Short/Open Circuit" elif voltage_input > max_voltage: return "Error: Overpressure Warning" else: return "System Normal" ```
    ✨ Follow-up Questions
    • ⤷What are the specific pinout diagrams for the 320920342 sensor?
    • ⤷ How do I calibrate this sensor after installation?
    • ⤷ What specific JCB machine models use this part?