Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 103-270JS

  • AI
    The part number **103-270JS** typically refers to a **High-Frequency Chip Inductor** (often associated with manufacturers like API Delevan). This component is designed for Surface Mount Technology (SMT) and is used primarily in RF (Radio Frequency) and communication circuits. --- ### 1. Component Specifications Below are the technical specifications typically associated with the 103 series, specifically the 270JS variant: | Feature | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 27 nH | The "270" indicates the value (27 x 10^0). | | **Tolerance** | ±5% | Indicated by the "J" suffix. | | **Material** | Ceramic Core | Provides high Q factors at high frequencies. | | **Termination** | Gold/Solder | "S" often denotes the termination style or specific series variant. | | **Package Size** | 0603 (approx.) | Standard surface mount footprint. | | **Q Minimum** | 35 - 50 | Depends on the test frequency (usually @ 250MHz). | --- ### 2. Breakdown of the Part Number To understand similar components, here is how the code is decoded: * **103**: The Series/Size designation (High-frequency micro-i chip inductor). * **270**: The Inductance Value. * The first two digits are the significant figures (27). * The third digit is the multiplier ($10^0$). * Result: $27 \times 1 = 27$ nanoHenries (nH). * **J**: The Tolerance code. * J = ±5% * K = ±10% * M = ±20% * **S**: Termination/Finish. * Often indicates a specific plating (e.g., Gold over Nickel) or a "Standard" performance category. --- ### 3. Key Applications Because this is a low-inductance, high-Q component, it is commonly found in: 1. **Impedance Matching:** Used in the front-end of RF transceivers to match antenna impedance. 2. **Filter Circuits:** Low-pass, high-pass, or band-pass filters for signal processing. 3. **Oscillators:** Establishing the resonance frequency in high-speed clock circuits. 4. **Decoupling:** Filtering high-frequency noise in power lines for sensitive RF ICs. --- ### 4. Typical Physical Characteristics ```yaml Component: SMT Inductor Shape: Rectangular Chip Construction: Wirewound on Ceramic Operating Temp: -55°C to +125°C Mounting: Reflow or Wave Solder ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 103-270JS inductor?
    • ⤷ How does the 'S' suffix vary between different manufacturers of this part?
    • ⤷ Can this inductor be used in power supply filtering instead of RF?