Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 1028362

  • AI
    The part number **1028362** is most commonly associated with **TE Connectivity (formerly Tyco Electronics)**. It specifically refers to a high-precision **housing component** for electrical connectors. Below is a detailed breakdown of the technical specifications, applications, and mechanical properties of this electronic part. --- ## 1. Technical Specifications This part is a **MATE-N-LOK** series component, designed for heavy-duty industrial and commercial applications. | Feature | Specification | | :--- | :--- | | **Manufacturer** | TE Connectivity / AMP | | **Product Type** | Connector Housing | | **Connector System** | Wire-to-Wire / Wire-to-Board | | **Number of Positions** | 2-3 (Varies by sub-series configuration) | | **Pitch (Centerline)** | 6.35 mm [0.25 in] | | **Material** | Nylon (Polyamide) | | **UL Flammability Rating** | UL 94V-2 or 94V-0 | | **Color** | Natural / White | --- ## 2. Key Features * **Locking Mechanism:** Features positive locking latches to prevent accidental disconnection due to high vibration or mechanical shock. * **Polarization:** The housing is keyed to ensure correct alignment during mating, preventing circuit reversals. * **Fully Insulated:** The nylon shell provides high dielectric strength to prevent arcing between terminals. * **Universal Compatibility:** Designed to accept both pin and socket terminals within the same housing. --- ## 3. Common Applications Due to its rugged design and high current-carrying capacity, the 1028362 series is used in: 1. **Home Appliances:** Refrigerators, washing machines, and HVAC systems. 2. **Automotive:** Interior lighting, dashboard power distribution, and sensor arrays. 3. **Industrial Machinery:** Power supplies, control panels, and motor assemblies. 4. **Computer Hardware:** Often used in internal power supply cables (Legacy Molex-style connections). --- ## 4. Associated Terminals This part is a **housing only**. To complete the electronic connection, you must crimp specific metal contacts onto your wires and insert them into this shell. ```text Common Compatible Terminals: - Pin Contact: 350218-1 (Brass/Tin) - Socket Contact: 350536-1 (Brass/Tin) - Wire Gauge: Typically 14-20 AWG ``` ---
    ✨ Follow-up Questions
    • ⤷What are the maximum voltage and current ratings for the 1028362 housing?
    • ⤷ Does this part require a specific crimping tool for the terminals?
    • ⤷ Is there a waterproof version of this connector series?