Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 0C10-R

  • AI
    The part number **0C10-R** typically refers to a specific type of **Gas Discharge Tube (GDT)** or a high-voltage surge arrestor, often manufactured by companies like **Mitsubishi Electric** or other industrial power component suppliers. These components are designed to protect sensitive electronic equipment from voltage transients, such as lightning strikes or industrial switching surges. --- ### 1. Technical Specifications While exact specs can vary by manufacturer, a standard "0C10-R" style GDT generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) / Surge Arrestor | | **DC Spark-over Voltage** | Usually ~1000V (indicated by the "10") | | **Insulation Resistance** | > 100 MΩ | | **Capacitance** | Very Low (< 1.0 pF) | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Radial Lead (indicated by the "-R") or Through-hole | --- ### 2. How It Functions The 0C10-R acts as a high-speed switch: 1. **Normal State:** The gas inside the tube is non-conductive, acting as an open circuit with very high resistance. 2. **Surge Event:** When the voltage exceeds the "Spark-over" limit (e.g., 1000V), the gas ionizes and becomes a low-resistance path. 3. **Protection:** It shunts the excess current to the ground, protecting the downstream components. 4. **Recovery:** Once the voltage drops below the "hold-over" level, the gas de-ionizes and returns to a non-conductive state. --- ### 3. Key Applications Because of its high voltage rating and low capacitance, it is commonly used in: * **Power Supplies:** Industrial AC/DC converters. * **Telecommunications:** Protection for high-speed data lines where signal interference must be minimized. * **Photovoltaic Systems:** Protecting solar inverters from atmospheric surges. * **CRT Displays:** (Legacy use) for internal spark-gap protection. --- ### 4. Part Number Breakdown (General) * **0C:** Often refers to the series or the physical diameter of the ceramic tube. * **10:** Represents the voltage rating (frequently 10 x 100V = 1000V). * **-R:** Usually signifies **Radial** leads or **RoHS** compliance.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a GDT like the 0C10-R and a Metal Oxide Varistor (MOV)?
    • ⤷ How do I test if a 0C10-R surge arrestor is still functional using a multimeter?
    • ⤷ Can you provide the specific datasheet for the Mitsubishi 0C10-R version?