Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • -756-R

  • AI
    The **756-R** typically refers to a high-performance **Step-Down (Buck) Voltage Regulator** module or a specific series of power management components (often associated with brands like Pololu or generic industrial electronic suppliers). Below is a technical breakdown of the electronic parts and specifications commonly associated with the 756-R series regulators. --- ### 1. Core Technical Specifications The 756-R is designed to convert a higher input voltage into a stable, lower output voltage with high efficiency. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 38V | | **Output Voltage** | 3.3V, 5V, or Adjustable (Model dependent) | | **Continuous Output Current** | 300 mA to 600 mA | | **Switching Frequency** | ~500 kHz to 1.2 MHz | | **Efficiency** | 80% – 93% | | **Package Type** | Through-hole (SIP) or SMD | --- ### 2. Internal Electronic Components A 756-R module is not a single part but an assembly of several discrete components on a small PCB: * **Switching Regulator IC:** The "brain" of the unit, which uses Pulse Width Modulation (PWM) to control power delivery. * **Power Inductor:** Used for energy storage during the conversion process. Its quality determines the ripple voltage. * **Schottky Diode:** Acts as a catch diode to provide a path for the current when the internal switch is off. * **Ceramic Capacitors (MLCC):** Filter the input and output signals to reduce electronic noise. * **Feedback Resistors:** A precision resistor network that tells the IC what the output voltage is, allowing it to self-correct. --- ### 3. Pinout Configuration Standard 756-R regulators usually follow a 3-pin layout, making them pin-compatible with linear regulators like the **7805**. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Unregulated input voltage. | | 2 | **GND** | Ground (0V) reference. | | 3 | **VOUT** | Regulated stable output voltage. | --- ### 4. Key Advantages over Linear Regulators Why electronics designers use the 756-R instead of standard components like the LM7805: 1. **Low Heat Dissipation:** Because it is a "switching" regulator, it wastes very little energy as heat. 2. **No Heatsink Required:** Due to high efficiency, it remains cool even when stepping down 24V to 5V. 3. **Reverse Voltage Protection:** Many 756-R modules include a built-in diode to protect the circuit if the battery is connected backward. 4. **Compact Size:** It integrates all necessary components (inductors/capacitors) into a footprint often smaller than a postage stamp. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage safety margin for the 756-R?
    • ⤷ Can the 756-R be used in parallel to increase output current?
    • ⤷ How does the efficiency change when the input voltage increases?