Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4256 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE4256
Description  75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4256 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE4256 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4256 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4256 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PE4256 REV 1.1
75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder
Attachment for RG179, RG187, .177 inch D Hole
PE4256 CAD Drawing


Similar Part No. - PE4256

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4256-EK PEREGRINE-PE4256-EK Datasheet
348Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE42562 PSEMI-PE42562 Datasheet
796Kb / 20P
   SP6T RF Switch, 9 kHz?? GHz
More results

Similar Description - PE4256

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4254 PASTERNACK-PE4254_16 Datasheet
316Kb / 3P
   75 Ohm SMC Jack Connector Crimp/Solder Attachment
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
   75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4169 PASTERNACK-PE4169_16 Datasheet
317Kb / 3P
   75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4095 PASTERNACK-PE4095_16 Datasheet
359Kb / 3P
   SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4165 PASTERNACK-PE4165 Datasheet
208Kb / 2P
   75 Ohm SMB Jack Bulkhead Connector Crimp/Solder 75 Ohm SMB Jack Bulkhead Connector Crimp/Solder
PE4249 PASTERNACK-PE4249_16 Datasheet
355Kb / 3P
   75 Ohm SMC Plug Connector Crimp/Solder Attachment
PE4158 PASTERNACK-PE4158_16 Datasheet
320Kb / 3P
   75 Ohm SMC Plug Connector Crimp/Solder Attachment
PE4164 PASTERNACK-PE4164 Datasheet
257Kb / 2P
   75 Ohm SMC Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
   75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE4906 PASTERNACK-PE4906 Datasheet
312Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Clamp - Solder Attachment For RG179, RG187
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com