Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS75N75 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # CS75N75
Description  75V,80A Heatsink Planar N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

CS75N75 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  CS75N75 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. CS75N75 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. CS75N75 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. CS75N75 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. CS75N75 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RDS(ON) = 0.011 ohm
ID = 80A
BVDSS = 75V
2. Drain
3. Source
1. Gate
Pb Free Plating Product
CS75N75
Pb
75V,80A Heatsink Planar N-Channel Power MOSFETs
General Description
This N-channel enhancement mode field-effect power transistor
using THINKI Semiconductor advanced planar stripe, DMOS technol-
ogy intended for off-line switch mode power supply.
Also, especially designed to minimize rds(on) and high rugged
avalanche characteristics. The TO-220M-SQ pkg is well suited for
adaptor power units,amplifiers,inverters and SMPS application.
TO-220M-SQ
1
2
3
CS75N75
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/5
Rev.08C
FEATURES
* RDS(ON) = 9.5mΩ @VGS = 10 V(Typical)
* Ultra low gate charge ( typical 117 nC )
* Fast switching capability
* Low reverse transfer Capacitance (CRSS= typical 240 pF )
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
75
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC = 25°C
ID
80
A
Pulsed Drain Current (Note 2)
IDM
320
A
Single Pulsed Avalanche Energy (Note 3)
EAS
700
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
12
V/ns
TO-220/TO-263
300
W
Power Dissipation
TO-220F
PD
45
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55 ~ +175
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area
3. Starting TJ=25°C, ID=40A, VDD=37.5V
4. ISD≤80A, di/dt≤300A/µs, VDD≤BVDSS, TJ≤TJMAX


Similar Part No. - CS75N75

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
CS75 TOKEN-CS75 Datasheet
427Kb / 8P
   CS Current Detecting Chip Resistors
logo
Transko Electronics, In...
CS75 TRANSKO-CS75 Datasheet
232Kb / 1P
   MINIATURE CERAMIC SMD CRYSTAL (7.0 x 5.0 x 1.1mm)
Rev.4:10-10-19
logo
TDK Electronics
CS75-B2GA471KAGKA TDK-CS75-B2GA471KAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
More results

Similar Description - CS75N75

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
P75NF75 THINKISEMI-P75NF75 Datasheet
1Mb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
WFP75N75 THINKISEMI-WFP75N75 Datasheet
848Kb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
BR75N75 THINKISEMI-BR75N75 Datasheet
986Kb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
ME75N80C THINKISEMI-ME75N80C Datasheet
724Kb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
DFP75N75 THINKISEMI-DFP75N75 Datasheet
986Kb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
HFP75N80C THINKISEMI-HFP75N80C Datasheet
986Kb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
JCS75N75CF THINKISEMI-JCS75N75CF Datasheet
1Mb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
UTC75N75L THINKISEMI-UTC75N75L Datasheet
848Kb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
logo
Shindengen Electric Mfg...
P80FG7R5EN SHINDENGEN-P80FG7R5EN Datasheet
1Mb / 7P
   Power MOSFETs 75V, 80A, N-channel
logo
Unisonic Technologies
UTT80N75 UTC-UTT80N75 Datasheet
133Kb / 3P
   80A, 75V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com