Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-18D Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCP-18D
Description  Normally Open Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-18D Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCP-18D Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 6Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 7Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-18 Page 1
CCP-18\072013\Q3
Series CCP-18D
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
7/16 DIN
Humidity (Moisture Seal)
Available
Weight
9 oz. (255.2g) (max.)
PART NUMBER
DESCRIPTION
CCP-18D
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
These switches have extremely low passive intermodulation for use in narrow bandwidth communications
applications.
The CCP-18D is a broadband multi-position coaxial switch designed to switch RF signals from one input
port to any one of 3 or 4 output ports. It is designed for 50 Ohms transmission line systems. The standard
actuator gives individual solenoid control of each position and when de-energized, all positions are open.
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCP-18
D
1
3
C
-
T **
Series
Connectors
Actuator Type
Options
Number of Positions
* 15 pin D-Sub Connector
(See Connector Pinout page)
CONNECTOR
ACTUATOR VOLTAGE
NUMBER OF POSITIONS
ACTUATOR TYPE
OPTIONS
D
: 7/16 FEMALE
1: 28 VDC NORMALLY OPEN
3: SP3T
0
: NO INDICATOR CONTACTS
T
: TTL DRIVERS WITH DIODES
2: 15 VDC NORMALLY OPEN
4: SP4TC
: INDICATOR CONTACTS
D
: COIL TRANSIENT SUPPRESSION DIODES
3: 12 VDC NORMALLY OPEN
S
: D-SUB CONNECTOR*
4: 24 VDC NORMALLY OPEN
TD
: DECODERS AND TTL DRIVERS WITH
DIODES
M
: MOISTURE SEAL
**SEE PARTS LIST ON PAGE 8
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.35
Isolation, dB, min.
70
VSWR , max.
1.3:1
RF Power (cw), W, max.
200
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
20 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
600 480 300 270 mA
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
-159.6
-156.6


Similar Part No. - CCP-18D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D13C-D WILLOW-CCP-18D13C-D Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D13C-M WILLOW-CCP-18D13C-M Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D13C-S WILLOW-CCP-18D13C-S Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D13C-T WILLOW-CCP-18D13C-T Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
More results

Similar Description - CCP-18D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
logo
Teledyne Technologies I...
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
Normally Open Coaxial Switch
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com