Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-18D Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # CCP-18D
Description  Normally Open Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-18D Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  CCP-18D Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 6Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 7Page - Teledyne Technologies Incorporated CCP-18D Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CCP-18D Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-18\072013\Q3
Series CCP-18D
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TRUTH TABLE Normally Open
CCP-18DX4C-TD
Logic Input
RF Path
Indicator
Switches
123
J1
J2
J3
J4
E
F
G
H
000
On
Off
Off
Off
C
000
100
Off
On
Off
Off
0
C
00
010
Off
Off
On
Off
0
0
C
0
1
1
0
Off
Off
Off
On
000
C
1
1
1
Off
Off
Off
Off
0
0
0
0
TRUTH TABLE Normally Open
CCP-18DX3C-TD
Logic
Input
RF Path
Indicator
Switches
12
J1
J2
J3
E
F
G
00
On
Off
Off
C
00
10
Off
On
Off
0
C
0
01
Off
Off
On
00
C
1
1
Off
Off
Off
0
0
0
TRUTH TABLE Normally Open
CCP-18DX3C-T
Logic
Input
RF Path
Indicator
Switches
123
J1
J2
J3
E
F
G
100
On
Off
Off
C
00
010
Off
On
Off
0
C
0
001
Off
Off
On
00
C
TRUTH TABLE Normally Open
CCP-18DX4C-T
Logic Input
RF Path
Indicator
Switches
1234
J1
J2
J3
J4
E
F
G
H
1000
On
Off
Off
Off
C
000
0100
Off
On
Off
Off
0
C
00
0010
Off
Off
On
Off
0
0
C
0
0
0
0
1
Off
Off
Off
On
000
C


Similar Part No. - CCP-18D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D13C-D WILLOW-CCP-18D13C-D Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D13C-M WILLOW-CCP-18D13C-M Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D13C-S WILLOW-CCP-18D13C-S Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D13C-T WILLOW-CCP-18D13C-T Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
More results

Similar Description - CCP-18D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
logo
Teledyne Technologies I...
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
Normally Open Coaxial Switch
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com