Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE236 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE236
Description  Silicon NPN Transistor Final RF Power Output (PO = 16W, 27MHz, SSB)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE236 Datasheet(HTML) 1 Page - NTE Electronics

  NTE236 Datasheet HTML 1Page - NTE Electronics NTE236 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE236
Silicon NPN Transistor
Final RF Power Output
(PO = 16W, 27MHz, SSB)
Description:
The NTE236 is a silicon NPN epitaxial planer type transistor designed for RF power amplifiers on HF
band mobile radio applications.
Features:
D High Power Gain: Gpe ≥ 12dB (VCC = 12V, PO = 16W, f = 27MHz)
D Ability to Withstand Infinite VSWR Load when Operated at:
VCC = 16V, PO = 20W, f = 27MHz
Application:
D 10 to 14 Watt Output Power Class AB Amplifier Applications in HF band
Absolute Maximum Ratings: (TC = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage (RBE = ∞), VCEO
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
6A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Dissipation, PC
TA = 25°C
1.7W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TC = 25°C
20W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
73.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
6.25
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE236

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2360 NTE-NTE2360 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In 47k Bias Resistors
NTE2361 NTE-NTE2361 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Speed Switch
NTE2362 NTE-NTE2362 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Speed Switch
NTE2363 NTE-NTE2363 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Current General Purpose Amp/Switch
NTE2364 NTE-NTE2364 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Current General Purpose Amp/Switch
More results

Similar Description - NTE236

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE224 NTE-NTE224 Datasheet
55Kb / 2P
Silicon NPN Transistor Final RF Power Output for CB PO = 4W, 50MHz
logo
List of Unclassifed Man...
2SC1306 ETC-2SC1306 Datasheet
10Kb / 2P
Silicon NPN Transistor Final RF Power Output
logo
NTE Electronics
NTE235 NTE-NTE235 Datasheet
20Kb / 2P
Silicon NPN Transistor Final RF Power Output
logo
New Jersey Semi-Conduct...
2SC2166 NJSEMI-2SC2166 Datasheet
92Kb / 1P
Silicon NPN Transistor Final RF Power Output
logo
NTE Electronics
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com