Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54532P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54532P
Description  4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54532P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54532P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54532P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54532P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54532P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug. 1999
Collector-emitter voltage
Collector current
Input voltage
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54532P/FP
4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DESCRIPTION
M54532P and M54532FP are four-circuit Darlington transis-
tor arrays with clamping diodes. The circuits are made of
NPN transistors. Both the semiconductor integrated circuits
perform high-current driving with extremely low input-current
supply.
FEATURES
High breakdown voltage (BVCEO
≥ 50V)
High-current driving (Ic(max) = 1.5A)
With clamping diodes
Wide operating temperature range (Ta = –20 to +75
°C)
APPLICATION
Drives of relays and printers, digit drives of indication ele-
ments (LEDs and lamps), and power amplification
FUNCTION
The M54532P and M54532FP each have four circuits con-
sisting of NPN Darlington transistors. They have resistance
of 340
Ω between input transistor bases and input pins. A
clamping diode is provided between each output pin (collec-
tor) and COM pin. The output transistor emitters are all con-
nected to the GND pin.
The collector current is 1.5A maximum. Collector-emitter
supply voltage is 50V maximum.
The M54532FP is enclosed in a molded small flat package,
enabling space-saving design.
CIRCUIT DIAGRAM
IF
V
A
V
V
W
°C
°C
Ratings
Symbol
Parameter
Conditions
Unit
–0.5 ~ +50
1.5
–0.5 ~ +10
50
1.5
1.25
1.92(P)/1.00(FP)
–20 ~ +75
–55 ~ +125
A
5.5K
3K
340
COM
GND
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
The four circuits share the COM and GND.
Output, H
Current per circuit output, L
Pulse Width
≤ 10ms, Duty Cycle ≤ 5%
Pulse Width
≤ 100ms, Duty Cycle ≥ 5%
Ta = 25
°C, when mounted on board
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
VCEO
IC
VI
VR
Pd
Topr
Tstg
Clamping diode forward current
1
OUTPUT4
INPUT4
INPUT3
OUTPUT3
OUTPUT1
INPUT1
O1
IN1
INPUT2 IN2
COM
COMMON
COM
COMMON
GND
GND
NC
NC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
→O3
←IN3
OUTPUT2
O2
←IN4
→O4
16P4(P)
Package type 16P2N-A(FP) NC : No connection


Similar Part No. - M54532P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54530P MITSUBISHI-M54530P Datasheet
102Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P_99 Datasheet
75Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M54532P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54567P MITSUBISHI-M54567P Datasheet
81Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63830P MITSUBISHI-M63830P Datasheet
67Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63850P MITSUBISHI-M63850P Datasheet
52Kb / 5P
   4-UNIT 1.5A DMOS ARRAY WITH CLAMP DIODE
M54527P MITSUBISHI-M54527P Datasheet
72Kb / 4P
   6-UNIT 150mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com