Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1087L Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1087L
Description  3.3V Spread-Spectrum EconOscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1087L Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1087L Datasheet HTML 4Page - Dallas Semiconductor DS1087L Datasheet HTML 5Page - Dallas Semiconductor DS1087L Datasheet HTML 6Page - Dallas Semiconductor DS1087L Datasheet HTML 7Page - Dallas Semiconductor DS1087L Datasheet HTML 8Page - Dallas Semiconductor DS1087L Datasheet HTML 9Page - Dallas Semiconductor DS1087L Datasheet HTML 10Page - Dallas Semiconductor DS1087L Datasheet HTML 11Page - Dallas Semiconductor DS1087L Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3.3V Spread-Spectrum EconOscillator
____________________________________________________________________
11
Application Information
Power-Supply Decoupling
To achieve the best results when using the DS1087L,
decouple the power supply with 0.01µF and 0.1µF
high-quality, ceramic, surface-mount capacitors.
Surface-mount components minimize lead inductance,
which improves performance, and ceramic capacitors
tend to have adequate high-frequency response for
decoupling applications. These capacitors should be
placed as close to the VCC and GND pins as possible.
Stand-alone Mode
SCL and SDA cannot be left floating even in stand-
alone mode. If the DS1087L never needs to be pro-
grammed in-circuit, including during production
testing, SDA and SCL can be wired high.
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tBUF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
START
Figure 5. 2-Wire AC Characteristics
SLAVE
ACK
10
1
1
R/W
A0*
A1*
SLAVE
ACK
A2*
MSB
LSB
DEVICE IDENTIFIER
DEVICE
ADDRESS
READ/
WRITE
MSB
LSB
COMMAND/REGISTER ADDRESS
SLAVE
ACK
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
SLAVE
ACK
STOP
*THE ADDRESS DETERMINED BY A0, A1, AND A2 MUST
MATCH THE ADDRESS SET IN THE ADDR REGISTER.
DATA
TYPICAL 2-WIRE WRITE TRANSACTION
EXAMPLE 2-WIRE TRANSACTIONS (WHEN A0, A1, AND A2 ARE ZERO)
A) SINGLE BYTE WRITE
-WRITE PRESCALER
REGISTER TO 128
B) SINGLE BYTE READ
-READ PRESCALER
REGISTER
START
START
START
B0h
B0h
SLAVE
ACK
SLAVE
ACK
02h
02h
SLAVE
ACK
SLAVE
ACK
DATA
SLAVE
ACK
STOP
10110000
10110000
b7
b6
b5
b4
b3
b2
b1
b0
00000010
10000000
10000000
00000010
REPEATED
START
DATA
MASTER
NACK
STOP
SLAVE
ACK
10110001
B1h
Figure 6. 2-Wire Transactions


Similar Part No. - DS1087L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1087LU-202 MAXIM-DS1087LU-202 Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1087LU-210 MAXIM-DS1087LU-210 Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1087LU-216 MAXIM-DS1087LU-216 Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1087LU-266 MAXIM-DS1087LU-266 Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
More results

Similar Description - DS1087L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com