Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2315 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2315
Description  Silicon NPN Transistor Fast Switching Power Darlington
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2315 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2315 Datasheet HTML 1Page - NTE Electronics NTE2315 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Damper Diode Forward Voltage
VF
IF = 4A, Note 1
2
V
Turn–Off Time
toff
IC = 5A, IB1 = 50mA
0.4
1.0
µs
Resistive Load
Turn–On Time
ton
IC = 5A, IB1 = 50mA,
0.35
µs
Storage Time
ts
IB2 = –500mA, VCC = 100V
0.55
µs
Fall Time
tf
0.20
µs
Note 1. Pulse test: Pulse Duration = 300
µs, Duty Cycle = 1.5%.
.250 (6.35)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.110 (2.79)
.420 (10.67)
Max
.070 (1.78) Max
Base
.100 (2.54)
Collector/Tab
Emitter
.147 (3.75)
Dia Max
B
C
E
D2
D1
R1
R2


Similar Part No. - NTE2315

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE231 NTE-NTE231 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) TV Deflection Circuit
NTE2310 NTE-NTE2310 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2311 NTE-NTE2311 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2313 NTE-NTE2313 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Speed Switch
More results

Similar Description - NTE2315

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2316 NTE-NTE2316 Datasheet
24Kb / 2P
   Silicon NPN Transistor Fast Switching Power Darlington
NTE2317 NTE-NTE2317 Datasheet
28Kb / 2P
   Silicon NPN Transistor High Voltage Fast Switching Power Darlington
logo
STMicroelectronics
BU808DFH STMICROELECTRONICS-BU808DFH Datasheet
222Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
April 2002
BU808DFX STMICROELECTRONICS-BU808DFX Datasheet
266Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
April 2007
logo
Sunspirit Electronic Lt...
BU808DFX-LF SUNSPIRIT-BU808DFX-LF Datasheet
1Mb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
   MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
   MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com