Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2315 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2315
Description  Silicon NPN Transistor Fast Switching Power Darlington
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2315 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2315 Datasheet HTML 1Page - NTE Electronics NTE2315 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2315
Silicon NPN Transistor
Fast Switching Power Darlington
Description:
The NTE2315 is a silicon epitaxial planer NPN power Darlington transistor in a TO220 type package
with an integrated base–emitter speed–up diode designed for use in high voltage, high current, fast
switching applications. In particular, the NTE2315 can be used in horizontal output stages of 110
°
CRT video displays and is primarily intended for large screen displays.
Absolute Maximum Ratings:
Collector–Base Voltage (IE = 0), VCBO
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage (VBE = –6V), VCEV
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage (IB = 0), VCEO
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage (IC = 0), VEBO
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
8A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
15A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Damper Diode Peak Forward Current, IDM
10A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC ≤ +25°C), Ptot
60W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperatuere Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
2.08
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICES
VCE = 400V, VBE = 0
100
µA
ICEV
VCE = 400V, VBE = –6V
100
µA
Emitter Cutoff Current
IEBO
VEB = 6V, IC = 0
3
mA
Collector–Emitter Sustaining Voltage
VCEO(sus) IC = 100mA, IB = 0, Note 1
200
V
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 5A, IB = 50mA, Note 1
–1.5
V
Base–Emitter Saturation Voltage
VBE(sat)
IC = 5A, IB = 50mA, Note 1
2.0
V
DC Current Gain
hFE
IC = 3A, VCE = 5V
3500
Note 1. Pulse test: Pulse Duration = 300
µs, Duty Cycle = 1.5%.


Similar Part No. - NTE2315

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE231 NTE-NTE231 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) TV Deflection Circuit
NTE2310 NTE-NTE2310 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2311 NTE-NTE2311 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2313 NTE-NTE2313 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Speed Switch
More results

Similar Description - NTE2315

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2316 NTE-NTE2316 Datasheet
24Kb / 2P
   Silicon NPN Transistor Fast Switching Power Darlington
NTE2317 NTE-NTE2317 Datasheet
28Kb / 2P
   Silicon NPN Transistor High Voltage Fast Switching Power Darlington
logo
STMicroelectronics
BU808DFH STMICROELECTRONICS-BU808DFH Datasheet
222Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
April 2002
BU808DFX STMICROELECTRONICS-BU808DFX Datasheet
266Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
April 2007
logo
Sunspirit Electronic Lt...
BU808DFX-LF SUNSPIRIT-BU808DFX-LF Datasheet
1Mb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
   MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
   MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com