Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5662
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662 Datasheet(HTML) 4 Page - Analog Devices

  AD5662 Datasheet HTML 1Page - Analog Devices AD5662 Datasheet HTML 2Page - Analog Devices AD5662 Datasheet HTML 3Page - Analog Devices AD5662 Datasheet HTML 4Page - Analog Devices AD5662 Datasheet HTML 5Page - Analog Devices AD5662 Datasheet HTML 6Page - Analog Devices AD5662 Datasheet HTML 7Page - Analog Devices AD5662 Datasheet HTML 8Page - Analog Devices AD5662 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5662
Preliminary Technical Data
Rev. PrA | Page 4 of 20
A Grade
B Grade
B Version1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
2.7
5.5
V
All digital inputs at 0 V or VDD
IDD (Normal Mode)
DAC active and excluding load current
VDD= 4.5 V to 5.5 V
250
400
250
400
µA
VIH = VDD and VIL = GND
VDD= 2.7 V to 3.6 V
240
390
240
390
µA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
0.2
1
0.2
1
µA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
0.05
1
0.05
1
µA
VIH = VDD and VIL = GND
POWER EFFICIENCY
IOUT/IDD
89
89
%
ILOAD = 2 mA. VDD = 5 V
1 Temperature ranges are as follows: B version: −40°C to +105°C, typical at +25°C.
2 DC specifications tested with the outputs unloaded unless otherwise stated. Linearity calculated using a reduced code range of 512 to 65024.
3 Guaranteed by design and characterization, not production tested.
4 Output unloaded.


Similar Part No. - AD5662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662 AD-AD5662 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5662ARJ-1500RL7 AD-AD5662ARJ-1500RL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-1REEL7 AD-AD5662ARJ-1REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-2500RL7 AD-AD5662ARJ-2500RL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-2REEL7 AD-AD5662ARJ-2REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
More results

Similar Description - AD5662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5663 AD-AD5663 Datasheet
730Kb / 24P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com