Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5662
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5662 Datasheet HTML 4Page - Analog Devices AD5662 Datasheet HTML 5Page - Analog Devices AD5662 Datasheet HTML 6Page - Analog Devices AD5662 Datasheet HTML 7Page - Analog Devices AD5662 Datasheet HTML 8Page - Analog Devices AD5662 Datasheet HTML 9Page - Analog Devices AD5662 Datasheet HTML 10Page - Analog Devices AD5662 Datasheet HTML 11Page - Analog Devices AD5662 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5662
Preliminary Technical Data
Rev. PrA | Page 8 of 20
TERMINOLOGY
Relative Accuracy
For the DAC, relative accuracy or integral nonlinearity (INL) is
a measure of the maximum deviation, in LSBs, from a straight
line passing through the endpoints of the DAC transfer
function. A typical INL versus code plot can be seen in Figure 4.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified differential nonlinearity of ±1 LSB
maximum ensures monotonicity. This DAC is guaranteed
monotonic by design. A typical DNL versus code plot can be
seen in Figure 5.
Zero-Code Error
Zero-code error is a measure of the output error when zero
code (0x0000) is loaded to the DAC register. Ideally, the output
should be 0 V. The zero-code error is always positive in the
AD5662 because the output of the DAC cannot go below 0 V. It
is due to a combination of the offset errors in the DAC and the
output amplifier. Zero-code error is expressed in mV. A plot of
zero-code error versus temperature can be seen in Figure 8.
Full-Scale Error
Full-scale error is a measure of the output error when full-scale
code (0xFFFF) is loaded to the DAC register. Ideally, the output
should be VDD − 1 LSB. Full-scale error is expressed in percent
of full-scale range. A plot of full-scale error versus temperature
can be seen in Figure 8.
Gain Error
This is a measure of the span error of the DAC. It is the
deviation in slope of the DAC transfer characteristic from ideal
expressed as a percent of the full-scale range.
Total Unadjusted Error
Total unadjusted error (TUE) is a measure of the output error,
taking all the various errors into account. A typical TUE versus
code plot can be seen in Figure 6.
Zero-Code Error Drift
This is a measure of the change in zero-code error with a
change in temperature. It is expressed in µV/°C.
Gain Error Drift
This is a measure of the change in gain error with changes in
temperature. It is expressed in (ppm of full-scale range)/°C.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV-s,
and is measured when the digital input code is changed by
1 LSB at the major carry transition (0x7FFF to 0x8000). See
Figure 21.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into
the analog output of the DAC from the digital inputs of the
DAC, but is measured when the DAC output is not updated. It
is specified in nV-s, and measured with a full-scale code change
on the data bus, i.e., from all 0s to all 1s and vice versa.


Similar Part No. - AD5662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662 AD-AD5662 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
AD5662ARJ-1500RL7 AD-AD5662ARJ-1500RL7 Datasheet
584Kb / 24P
16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-1REEL7 AD-AD5662ARJ-1REEL7 Datasheet
584Kb / 24P
16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-2500RL7 AD-AD5662ARJ-2500RL7 Datasheet
584Kb / 24P
16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-2REEL7 AD-AD5662ARJ-2REEL7 Datasheet
584Kb / 24P
16-Bit nanoDAC in a SOT-23
REV. A
More results

Similar Description - AD5662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5320 AD-AD5320 Datasheet
192Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5663 AD-AD5663 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com