Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC6A-T1A Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # CC6A-T1A
Description  AT Crystal 16 MHz ??70 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC6A-T1A Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  CC6A-T1A_16 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC6A-T1A_16 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
CC6A-T1A
AT Crystal 16 MHz – 70 MHz
DESCRIPTION:
This quartz Crystal in SMD ceramic package has been specially designed
with Micro Crystal photolitographic process for surface mount using
infrared, vapor phase or epoxy technics
APPLICATIONS:
- Avionics
- Radio transceiver
- Satellite communications
- Airborne equipments
The crystals are supplied in trays (208 crystals per tray).
For pick-and-place equipment, the parts are available in 12mm tapes:
7” with 1’000 crystals
7” with 3’000 crystals
SMT ceramic package height 0.9mm
Fundamental mode up to 70MHz
Ind. and Ext. temperature ranges
High stability and low aging
High shock and vibration resistance
Hermetically sealed
Ultra low MSL
Excellent solderability
Swiss made quality
Customer specification on request
1) Other load capacitances on request.
2) Tighter and wider frequency tolerances on request.
3) Tighter thermal stability on request.
ELECTRICAL CHARACTERISTICS
AT 25oC:
Frequency Range
FL
16 – 70
MHz
Load capacitance
1)
CL
20.0
pF
Frequency tolerance at 25°C
2)
Δ
F/F
+/-50
ppm
Frequency versus temperature 3)
TB: –40 to + 85°C
TC: –55 to + 125°C
Δ
F/F0
+/-50
+/-100
ppm
Drive level typ/max
P
100 / 250
µW
Insulation resistance min.
Ri
500
Aging first year max.
Δ
F/F
+/-3
ppm
Frequency [MHz]
Rs[Ω]
typ / max
C1 [fF]
typ / max
Co [pF]
typ
16 to < 20
60 / 120
2 / 4
1.5
20 to < 24
40 / 85
3 / 5
2
24 to < 40
30 / 50
4 / 6
2.5
40 to < 70
20 / 40
5 / 8
3
100% leadfree, RoHS - compliant
1,2
0,8
1,2
1,3
1
2
1
4
3
1
2
3
4
3,5
1
Package:
Bottom view
Recommended Solder Pad:
All dimensions in mm typical
pin 2 NC
pin 4 NC
pin 1/3 Quartz crystal


Similar Part No. - CC6A-T1A_16

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
logo
Golledge Electronics Lt...
CC6A-T1AH GOLLEDGE-CC6A-T1AH Datasheet
121Kb / 1P
SM Crystal
CC6A-T1AH GOLLEDGE-CC6A-T1AH Datasheet
561Kb / 5P
Suitable for Avionics, Down-hole, Geothermal etc
CC6A-T1AH GOLLEDGE-CC6A-T1AH_18 Datasheet
561Kb / 5P
Suitable for Avionics, Down-hole, Geothermal etc
More results

Similar Description - CC6A-T1A_16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070CF51846T ICST-SF0070CF51846T Datasheet
188Kb / 2P
70 MHz Filter 16 MHz Bandwidth
logo
API Technologies Corp
SF0070CF51846T APITECH-SF0070CF51846T Datasheet
191Kb / 2P
70 MHz Filter 16 MHz Bandwidth
logo
MICORO CRYSTAL SWITZERL...
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
AT Crystal 8 MHz -24 MHz
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
AT Crystal 12 MHz - 70 MHz
CC2A-T1AH MICROCRYSTAL-CC2A-T1AH Datasheet
599Kb / 2P
AT Crystal 14 MHz - 40 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
AT Crystal 16 MHz - 70 MHz
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
CC6F-T1AF MICROCRYSTAL-CC6F-T1AF Datasheet
1Mb / 2P
Inverted Mesa AT Crystal 70 MHz - 200 MHz
CC1A-T1A MICROCRYSTAL-CC1A-T1A_17 Datasheet
784Kb / 2P
AT Crystal 8 MHz ??30 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A_16 Datasheet
513Kb / 2P
Inverted Mesa AT Crystal 70 MHz ??250 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com