Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0150150823 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0150150823
Description  0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0150150823 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0150150823 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0150150823
Status:
Active
Overview:
Premo-Flex Cable Jumpers
Description:
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
(Type A), 0.203m Cable Length, 23 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-15015-001-001 (PDF)
General
Product Family
Cable
Series
15015
Crimp Quality Equipment
Yes
Overview
Premo-Flex Cable Jumpers
Product Name
Premo-Flex FFC Jumper
UPC
884982822689
Physical
Cable Length
0.203m
Circuits (Loaded)
23
Circuits (maximum)
23
Net Weight
1.000/g
Packaging Type
Bag
Pitch - Termination Interface
0.30mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
0.2A
Voltage - Maximum
50V AC/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-15015-001-001
Sales Drawing
SD-15015-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
15015 Series
This document was generated on 10/20/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0150150823

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150150823 MOLEX-0150150823 Datasheet
36Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts (Type A), 203.00mm Cable Length, Gold (Au) Plating, 23 Circuits
0150150823 MOLEX-0150150823_V01 Datasheet
36Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts (Type A), 203.00mm Cable Length, Gold (Au) Plating, 23 Circuits
More results

Similar Description - 0150150823

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150150239 MOLEX1-0150150239 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150245 MOLEX1-0150150245 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150423 MOLEX1-0150150423 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150425 MOLEX1-0150150425 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150627 MOLEX1-0150150627 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150151023 MOLEX1-0150151023 Datasheet
35Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150151029 MOLEX1-0150151029 Datasheet
35Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150151051 MOLEX1-0150151051 Datasheet
35Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150227 MOLEX1-0150150227 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150229 MOLEX1-0150150229 Datasheet
34Kb / 1P
0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com