Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

410130115 Datasheet(PDF) 2 Page - Virginia Panel Corporation

Part # 410130115
Description  i2 RCV ASM, 168 PIN W/CNTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPC [Virginia Panel Corporation]
Direct Link  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

410130115 Datasheet(HTML) 2 Page - Virginia Panel Corporation

  410130115 Datasheet HTML 1Page - Virginia Panel Corporation 410130115 Datasheet HTML 2Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TOLERANCES ARE:
.XX =
[.25].01
.XXX =
[.13] .005
UNLESS OTHERWISE SPECIFIED
4.8
1.27
TYP.
R
.050
4
2.3
TYP.
18.8
.74
.09
88.6
3.49
5.7
.23
3.940
100.07
.100 THRU, TYP. 4 PLCS
FOR MOUNTING PLATES THICKER THAN .09"
.086-56UNC-2B THRU, TYP. 4 PLCS.
FOR MOUNTING PLATES .09" THICK OR LESS
.36 TYP.
9.1
.19 TYP.
.640 TYP.
16.26
SEE TABLE 1 FOR MINIMUM DISTANCE OF SUBSEQUENT SIDE BY SIDE CUTOUTS.
PANEL MOUNTING DETAIL
*SPACING IS APPLICATION SPECIFIC, .80" MINIMUM, 1.00" RECOMMENDED
4
TABLE 1
PART NUMBER
DESCRIPTION
RECEIVER CUTOUT
SPACING
410130101
ITA, i2 Micro iCon, 168 Position
1.00 [25.40]
410130104
ITA, i2 Micro iCon, 120/12 Position Hybrid
1.00 [25.40]
410130106
ITA, i2 Micro iCon, 168 Position with
Oversized Backshell
2.19[55.63]
410130112
ITA, i2 Micro iCon, 168 Position, .78
Diameter Knob
0.80 [20.32]*
410130115
ITA, i2 Micro iCon, 120/12 Position Hybrid
with Oversized Backshell
2.19[55.63]
410130116
ITA, i2 Micro iCon, 22 Position VTAC HSD
1.00 [25.40]
CAGE CODE
DO NOT SCALE DRAWING
A
B
C
D
A
B
C
D
4
3
2
1
4
3
2
1
REV
SHEET
3/5/10
DISCLOSED IN WHOLE OR IN PART FOR ANY PURPOSE OTHER THAN TO MAINTAIN THE EQUIPMENT PROVIDED.
310130101
310130101
DWG.NO.
C
18117
3:2
SCALE:
SIZE
C
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF VIRGINIA PANEL CORPORATION
AND IS SUBMITTED FOR USE BY THE CUSTOMER ONLY. THE DATA SHALL NOT BE DUPLICATED, USED, OR
2 OF 2


Similar Part No. - 410130115

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
410130114 VPC-410130114 Datasheet
442Kb / 1P
   i2 MX ITA ASSEMBLY MODULAR EMI
410130116 VPC-410130116 Datasheet
416Kb / 1P
   i2 MX ITA ASSEMBLY HIGH SPEED EMI
410130117 VPC-410130117 Datasheet
380Kb / 1P
   i2 MX ITA ASSEMBLY MODULAR NON-EMI
More results

Similar Description - 410130115

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
310130107 VPC-310130107 Datasheet
127Kb / 1P
   i2 RCV ASM, 168 PIN W/O CNTS
410130101 VPC-410130101 Datasheet
269Kb / 1P
   i2 ITA ASM, 168 POSITION
410130106 VPC-410130106 Datasheet
192Kb / 1P
   i2 ITA ASM, 168 POSITION w/OVESIZED BACKSHELL & CLAMP
310130105 VPC-310130105 Datasheet
206Kb / 2P
   i2 HYBRID RCV ASM, 120/12 CRIMP
310113667 VPC-310113667 Datasheet
73Kb / 1P
   EMI PROTECTIVE COVER i2 RCV
310130204 VPC-310130204 Datasheet
163Kb / 2P
   i2 MX RCV ASSEMBLY w/ 2 MICRO/TRPDL INSERTS
310130205 VPC-310130205 Datasheet
149Kb / 2P
   i2 MX RCV ASSEMBLY w/QPDL & MICRO/TRPDL INSERTS
310113681 VPC-310113681 Datasheet
71Kb / 1P
   STRAIN RELIEF i2 EMI RCV
510143001 VPC-510143001 Datasheet
96Kb / 1P
   HS INSERT i2 MX RCV
310130202 VPC-310130202 Datasheet
184Kb / 2P
   i2 MX RCV ASSEMBLY EMI W/ 2 QPDL DF INSERTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com