Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780138 Datasheet(PDF) 84 Page - NEC

Part # UPD780138
Description  8-Bit Single-Chip Microcontrollers
Download  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780138 Datasheet(HTML) 84 Page - NEC

Back Button UPD780138 Datasheet HTML 80Page - NEC UPD780138 Datasheet HTML 81Page - NEC UPD780138 Datasheet HTML 82Page - NEC UPD780138 Datasheet HTML 83Page - NEC UPD780138 Datasheet HTML 84Page - NEC UPD780138 Datasheet HTML 85Page - NEC UPD780138 Datasheet HTML 86Page - NEC UPD780138 Datasheet HTML 87Page - NEC UPD780138 Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 558 page
background image
CHAPTER 3 CPU ARCHITECTURE
User’s Manual U16228EJ2V0UD
84
3.4.4 Short direct addressing
[Function]
The memory to be manipulated in the fixed space is directly addressed with 8-bit data in an instruction word.
This addressing is applied to the 256-byte space FE20H to FF1FH. Internal RAM and special function registers
(SFRs) are mapped at FE20H to FEFFH and FF00H to FF1FH, respectively.
The SFR area (FF00H to FF1FH) where short direct addressing is applied is a part of the overall SFR area.
Ports that are frequently accessed in a program and compare and capture registers of the timer/event counter
are mapped in this area, allowing SFRs to be manipulated with a small number of bytes and clocks.
When 8-bit immediate data is at 20H to FFH, bit 8 of an effective address is set to 0. When it is at 00H to 1FH,
bit 8 is set to 1. Refer to the [Illustration] shown below.
[Operand format]
Identifier
Description
saddr
Immediate data that indicate label or FE20H to FF1FH
saddrp
Immediate data that indicate label or FE20H to FF1FH (even address only)
[Description example]
MOV 0FE30H, A; when transferring value of A register to saddr (FE30H)
Operation code
1
111001
0
OP code
0
011000
0
30H (saddr-offset)
[Illustration]
15
0
Short direct memory
Effective address
1
111111
87
0
7
OP code
saddr-offset
α
When 8-bit immediate data is 20H to FFH,
α = 0
When 8-bit immediate data is 00H to 1FH,
α = 1


Similar Part No. - UPD780138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78013F RENESAS-UPD78013F Datasheet
680Kb / 92P
   MOS INTEGRATED CIRCUIT
1997
UPD78013FY RENESAS-UPD78013FY Datasheet
567Kb / 74P
   MOS INTEGRATED CIRCUIT
1994
UPD78013H RENESAS-UPD78013H Datasheet
546Kb / 70P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD780138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com