Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780138 Datasheet(PDF) 7 Page - NEC

Part # UPD780138
Description  8-Bit Single-Chip Microcontrollers
Download  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780138 Datasheet(HTML) 7 Page - NEC

Back Button UPD780138 Datasheet HTML 3Page - NEC UPD780138 Datasheet HTML 4Page - NEC UPD780138 Datasheet HTML 5Page - NEC UPD780138 Datasheet HTML 6Page - NEC UPD780138 Datasheet HTML 7Page - NEC UPD780138 Datasheet HTML 8Page - NEC UPD780138 Datasheet HTML 9Page - NEC UPD780138 Datasheet HTML 10Page - NEC UPD780138 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 558 page
background image
User’s Manual U16228EJ2V0UD
7
How to Read This Manual
It is assumed that the readers of this manual have general knowledge of electrical
engineering, logic circuits, and microcontrollers.
• When using this manual as the manual for (A) grade products, (A1) grade products,
and (A2) grade products:
→ Only the quality grade differs between standard products and (A), (A1), and (A2)
grade products. Read the part number as follows.
µPD780131 → µPD780131(A), 780131(A1), 780131(A2)
µPD780132 → µPD780132(A), 780132(A1), 780132(A2)
µPD780133 → µPD780133(A), 780133(A1), 780133(A2)
µPD780134 → µPD780134(A), 780134(A1), 780134(A2)
µPD780136 → µPD780136(A), 780136(A1), 780136(A2)
µPD780138 → µPD780138(A), 780138(A1), 780138(A2)
µPD78F0134 → µPD78F0134(A), 78F0134(A1)
µPD78F0138 → µPD78F0138(A), 78F0138(A1)
• To gain a general understanding of functions:
→ Read this manual in the order of the CONTENTS. The mark
shows major
revised points.
• How to interpret the register format:
→ For a bit number enclosed in brackets, the bit name is defined as a reserved word
in the assembler, and is already defined in the header file named sfrbit.h in the C
compiler.
• To check the details of a register when you know the register name.
→ Refer to APPENDIX C REGISTER INDEX.
• To know details of the 78K/0 Series instructions.
→ Refer to the separate document 78K/0 Series Instructions User’s Manual
(U12326E).
Caution
Examples in this manual employ the “standard” quality grade for
general electronics.
When using examples in this manual for the
“special” quality grade, review the quality grade of each part and/or
circuit actually used.
Conventions
Data significance:
Higher digits on the left and lower digits on the right
Active low representations:
××× (overscore over pin and signal name)
Note:
Footnote for item marked with Note in the text.
Caution:
Information requiring particular attention
Remark:
Supplementary information
Numerical representations: Binary
...
×××× or ××××B
Decimal
...
××××
Hexadecimal
...
××××H


Similar Part No. - UPD780138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78013F RENESAS-UPD78013F Datasheet
680Kb / 92P
   MOS INTEGRATED CIRCUIT
1997
UPD78013FY RENESAS-UPD78013FY Datasheet
567Kb / 74P
   MOS INTEGRATED CIRCUIT
1994
UPD78013H RENESAS-UPD78013H Datasheet
546Kb / 70P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD780138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com