Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780138 Datasheet(PDF) 69 Page - NEC

Part # UPD780138
Description  8-Bit Single-Chip Microcontrollers
Download  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780138 Datasheet(HTML) 69 Page - NEC

Back Button UPD780138 Datasheet HTML 65Page - NEC UPD780138 Datasheet HTML 66Page - NEC UPD780138 Datasheet HTML 67Page - NEC UPD780138 Datasheet HTML 68Page - NEC UPD780138 Datasheet HTML 69Page - NEC UPD780138 Datasheet HTML 70Page - NEC UPD780138 Datasheet HTML 71Page - NEC UPD780138 Datasheet HTML 72Page - NEC UPD780138 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 558 page
background image
CHAPTER 3 CPU ARCHITECTURE
User’s Manual U16228EJ2V0UD
69
(b) Zero flag (Z)
When the operation result is zero, this flag is set (1). It is reset (0) in all other cases.
(c) Register bank select flags (RBS0 and RBS1)
These are 2-bit flags to select one of the four register banks.
In these flags, the 2-bit information that indicates the register bank selected by SEL RBn instruction
execution is stored.
(d) Auxiliary carry flag (AC)
If the operation result has a carry from bit 3 or a borrow at bit 3, this flag is set (1). It is reset (0) in all other
cases.
(e) In-service priority flag (ISP)
This flag manages the priority of acknowledgeable maskable vectored interrupts. When this flag is 0, low-
level vectored interrupt requests specified by a priority specification flag register (PR0L, PR0H, PR1L, PR1H)
(refer to 17.3 (3)
Priority specification flag registers (PR0L, PR0H, PR1L, PR1H)) can not be
acknowledged. Actual request acknowledgement is controlled by the interrupt enable flag (IE).
(f)
Carry flag (CY)
This flag stores overflow and underflow upon add/subtract instruction execution. It stores the shift-out value
upon rotate instruction execution and functions as a bit accumulator during bit operation instruction
execution.
(3) Stack pointer (SP)
This is a 16-bit register to hold the start address of the memory stack area. Only the internal high-speed RAM
area can be set as the stack area.
Figure 3-19. Format of Stack Pointer
15
0
SP
SP15 SP14 SP13 SP12 SP11 SP10 SP9
SP8
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
The SP is decremented ahead of write (save) to the stack memory and is incremented after read (restored) from
the stack memory.
Each stack operation saves/restores data as shown in Figures 3-20 and 3-21.
Caution
Since RESET input makes the SP contents undefined, be sure to initialize the SP before using
the stack.


Similar Part No. - UPD780138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78013F RENESAS-UPD78013F Datasheet
680Kb / 92P
   MOS INTEGRATED CIRCUIT
1997
UPD78013FY RENESAS-UPD78013FY Datasheet
567Kb / 74P
   MOS INTEGRATED CIRCUIT
1994
UPD78013H RENESAS-UPD78013H Datasheet
546Kb / 70P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD780138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com