Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC81711NSZ Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC81711NSZ
Description  Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81711NSZ Datasheet(HTML) 4 Page - Sharp Corporation

  PC81711NSZ Datasheet HTML 1Page - Sharp Corporation PC81711NSZ Datasheet HTML 2Page - Sharp Corporation PC81711NSZ Datasheet HTML 3Page - Sharp Corporation PC81711NSZ Datasheet HTML 4Page - Sharp Corporation PC81711NSZ Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC8171XNSZ Series
Fig.14 Response Time vs. Load Resistance
(Saturation)
0.1
1000
1
10
100
Load resistance RL (kΩ)
VCC=5V
IF=16mA
Ta=25°C
tf
tr
td
ts
100
10
1
Fig.10 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient temperature Ta (°C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=5V
IF=0.5mA
0
150
100
50
Fig.13 Response Time vs. Load Resistance
0.1
1000
0.1
1
10
Load resistance RL (kΩ)
VCE=2V
IC=2mA
Ta=25°C
tf
tr
td
ts
100
10
1
Fig.12 Collector Dark Current vs. Ambient
Temperature
Ambient temperature Ta (°C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=50V
10
−11
10
−5
10
−6
10
−7
10
−8
10
−9
10
−10
Fig.11 Collector - emitter Saturation Voltage
vs. Ambient Temperature
Fig.15 Test Circuit for Response Time
Ambient temperature Ta (°C)
0
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
IF=10mA
IC=1mA
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr


Similar Part No. - PC81711NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC81711NSZ0F SHARP-PC81711NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
More results

Similar Description - PC81711NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
Low Input Current Drive Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com