Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M0002947 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M0002947
Description  MN54ABT646-X REV 0B0
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M0002947 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  M0002947 Datasheet HTML 1Page - National Semiconductor (TI) M0002947 Datasheet HTML 2Page - National Semiconductor (TI) M0002947 Datasheet HTML 3Page - National Semiconductor (TI) M0002947 Datasheet HTML 4Page - National Semiconductor (TI) M0002947 Datasheet HTML 5Page - National Semiconductor (TI) M0002947 Datasheet HTML 6Page - National Semiconductor (TI) M0002947 Datasheet HTML 7Page - National Semiconductor (TI) M0002947 Datasheet HTML 8Page - National Semiconductor (TI) M0002947 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MN54ABT646-X REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
4.5V to 5.5V Temp Range: -55C to 125C
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
ICCH
Supply Current
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 4 VCC
250.0
uA
1, 2,
3
ICCL
Supply Current
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 4 VCC
30.0
mA
1, 2,
3
ICCZ
Supply Current
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 4 VCC
250.0
uA
1, 2,
3
ICCT
Supply Current
per Input
VCC=5.5V, OE=0.0V Input under
test=3.4V Other inputs=5.5V or 0.0V
1, 4 VCC
2.5
mA
1, 2,
3
VCC=5.5V, OE=3.4V Other inputs=5.5V or
0.0V
1, 4 VCC
2.5
mA
1, 2,
3
IIH
High Level Input
Current
VCC=5.5V, VINH=5.5V
1, 4 IN
2.0
uA
1, 2,
3
IIL
Low Level Input
Current
VCC=5.5V, VINL=0.0V
1, 4 IN
-2.0
uA
1, 2,
3
IOZH
Maximum TRI-STATE
Leakage Current
HIGH
VCC=5.5V, VOUT=2.7V VINL=0.0V, VIH
(OE)=2.0V
1, 4 OUT
10.0
uA
1, 2,
3
IOZL
Maximum TRI-STATE
Leakage Current
LOW
VCC=5.5V, VOUT=0.5V VINH=5.5V, VIH
(OE)=2.0V
1, 4 OUT
-10.0
uA
1, 2,
3
ICEX
Output High
Leakage Current
VCC=5.5V, VOUT=5.5V VINH=5.5V
1, 4 OUT
50.0
uA
1, 2,
3
IOS
Output Short
Circuit Current
VCC=5.5V, VOUT=0.0V VINH=5.5V
1,
4,
10
OUT
-100
-275
mA
1, 2,
3
IOS1
Output Short
Circuit Current
VCC=5.5V, VOUT=2.5V VINH=5.5V
1,
4,
10
OUT
-50
-180
mA
1, 2,
3
IBVI
Input High
Current Breakdown
Test
VCC=5.5V, VINH=7.0V
1, 4 IN
7.0
uA
1, 2,
3
IZZ
Bus Drainage Test
VCC=0.0V, VOUT=4.5V, VINL=0.0V
1, 4 IN/OUT
-100
100
uA
1, 2,
3
VOL
Low Level Output
Voltage
VCC=4.5V, IOL=48.0mA, VINH=4.5V,
VINL=0.0V, VIH=2.0V, VIL=0.8V
1, 4 OUT
0.55
V
1, 2,
3
VOH
High Level Output
Voltage
VCC=4.5V, IOH=-24.0mA, VINH=4.5V,
VINL=0.0V, VIH=2.0V, VIL=0.8V
1, 4 OUT
2.0
V
1, 2,
3
VCC=4.5V, IOH=-3mA, VINH=4.5V,
VINL=0.0V, VIH=2.0V, VIL=0.8V
1, 4 OUT
2.5
V
1, 2,
3
VCC=5.0V, IOH=-3mA, VINH=5.0V,
VINL=0.0V, VIH=2.0V, VIL=0.8V
1, 4 OUT
3.0
V
1, 2,
3
4


Similar Part No. - M0002947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
M0001565 NSC-M0001565 Datasheet
206Kb / 13P
MN54ABT244-X REV 0B0
M0003549 NSC-M0003549 Datasheet
143Kb / 9P
MNDS7820A-X REV 0A0
More results

Similar Description - M0002947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54ABT244 NSC-MN54ABT244 Datasheet
206Kb / 13P
MN54ABT244-X REV 0B0
MN54AC2525-X NSC-MN54AC2525-X Datasheet
15Kb / 6P
MN54AC2525-X REV 1B0
MNDS7820A NSC-MNDS7820A Datasheet
143Kb / 9P
MNDS7820A-X REV 0A0
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
Rev. EK1
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
Rev. C
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
ND28283.503086 REV,B
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
Techinal Data - rev 1.9
logo
ERNI Electronics
324264 ERNI-324264 Datasheet
88Kb / 1P
ERbic vertical rev. Profibus
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
Si4x3x Errata (rev. B)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com