Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0071 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0071
Description  LH0070 Series Precision BCD Buffered Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0071 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LH0071 Datasheet HTML 1Page - National Semiconductor (TI) LH0071 Datasheet HTML 2Page - National Semiconductor (TI) LH0071 Datasheet HTML 3Page - National Semiconductor (TI) LH0071 Datasheet HTML 4Page - National Semiconductor (TI) LH0071 Datasheet HTML 5Page - National Semiconductor (TI) LH0071 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH5550
July 1987
LH0070 Series Precision BCD Buffered Reference
LH0071 Series Precision Binary Buffered Reference
General Description
The LH0070 and LH0071 are precision three terminal volt-
age references consisting of a temperature compensated
zener diode driven by a current regulator and a buffer ampli-
fier The devices provide an accurate reference that is virtu-
ally independent of input voltage load current temperature
and time The LH0070 has a 10000V nominal output to
provide equal step sizes in BCD applications The LH0071
has a 10240V nominal output to provide equal step sizes in
binary applications
The output voltage is established by trimming ultra-stable
low temperature drift thin film resistors under actual operat-
ing circuit conditions The devices are shortcircuit proof in
both the current sourcing and sinking directions
The LH0070 and LH0071 series combine excellent long
term stability ease of application and low cost making
them ideal choices as reference voltages in precision D to A
and A to D systems
Features
Y
Accuracy output voltage
LH0070
10Vg002%
LH0071
1024Vg002%
Y
Single supply operation
114V to 40V
Y
Low output impedance
02X
Y
Excellent line regulation
01 mVV
Y
Low zener noise
20 mVp-p
Y
3-lead TO-5 (pin compatible with the LM109)
Y
Short circuit proof
Y
Low standby current
3 mA
Equivalent Schematic
TLH5550 – 1
Connection Diagram
TO-5 Metal Can Package
TLH5550 – 7
Order Number LH0070-0H LH0071-0H LH0070-1H
LH0071-1H LH0070-2H or LH0071-2H
See NS Package Number H03B
Typical Applications
Statistical Voltage Standard
TLH5550 – 8
Output Voltage Fine Adjustment
TLH5550 – 9
Note
The output of the LH0070 and LH0071 may be adjusted to a precise voltage by using the above circuit since the supply current of the devices is
relatively small and constant with temperature and input voltage For the circuit shown supply sensitivities are degraded slightly to 001%V change in VOUT
for changes in VIN and Vb
An additional temperature drift of 00001% C is added due to the variation of supply current with temperature of the LH0070 and LH0071 Sensitivity to the
value of R1 R2 and R3 is less than 0001%%
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LH0071

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LH0070 LINER-LH0070 Datasheet
631Kb / 12P
   Precision 10 Volt Reference
LH0070 LINER-LH0070 Datasheet
156Kb / 12P
   Precision 10V Reference
LH0070 LINER-LH0070 Datasheet
166Kb / 12P
   Precision 10V Reference
LH0070-0H LINER-LH0070-0H Datasheet
631Kb / 12P
   Precision 10 Volt Reference
LH0070-0H LINER-LH0070-0H Datasheet
156Kb / 12P
   Precision 10V Reference
More results

Similar Description - LH0071

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1502 MICROCHIP-MCP1502 Datasheet
18Mb / 28P
   High-Precision Buffered Voltage Reference
Revision A September 2021
MCP1501 MICROCHIP-MCP1501_V01 Datasheet
13Mb / 39P
   High-Precision Buffered Voltage Reference
Revision G February 2022
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
   High-Precision Buffered Voltage Reference
07/14/15
logo
Linear Technology
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
[Old version datasheet]   PRECISION SERIES REFERENCE
logo
Silicon Laboratories
AN854 SILABS-AN854 Datasheet
986Kb / 3P
   VERSATILE BUFFERED REFERENCE IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com