Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021B-CC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB021B-CC
Description  2-megabit 2.7-volt Only DataFlash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-CC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB021B-CC Datasheet HTML 2Page - ATMEL Corporation AT45DB021B-CC Datasheet HTML 3Page - ATMEL Corporation AT45DB021B-CC Datasheet HTML 4Page - ATMEL Corporation AT45DB021B-CC Datasheet HTML 5Page - ATMEL Corporation AT45DB021B-CC Datasheet HTML 6Page - ATMEL Corporation AT45DB021B-CC Datasheet HTML 7Page - ATMEL Corporation AT45DB021B-CC Datasheet HTML 8Page - ATMEL Corporation AT45DB021B-CC Datasheet HTML 9Page - ATMEL Corporation AT45DB021B-CC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
AT45DB021B
1937F–DFLSH–10/02
place in a maximum time of t
EP. During this time, the status register will indicate that the
part is busy.
BUFFER TO MAIN MEMORY PAGE PROGRAM WITHOUT BUILT-IN ERASE: Aprevi-
ously erased page within main memory can be programmed with the contents of either
buffer 1 or buffer 2. To start the operation, an 8-bit opcode (88H for buffer 1 or 89H for
buffer 2) must be followed by the five reserved bits, 10 address bits (PA9 - PA0) that
specify the page in the main memory to be written, and nine additional don’tcare bits.
When a low-to-high transition occurs on the CS pin, the part will program the data stored
in the buffer into the specified page in the main memory. It is necessary that the page in
main memory that is being programmed has been previously erased. The programming
of the page is internally self-timed and should take place in a maximum time of t
P.Dur-
ing this time, the status register will indicate that the part is busy.
Successive page programming operations without doing a page erase are not recom-
mended. In other words, changing bytes within a page from a “1” to a “0” during multiple
page programming operations without erasing that page is not recommended.
PAGE ERASE: The optional Page Erase command can be used to individually erase
any page in the main memory array allowing the Buffer to Main Memory Page Program
without Built-in Erase command to be utilized at a later time. To perform a Page Erase,
an opcode of 81H must be loaded into the device, followed by five reserved bits, ten
address bits (PA9-PA0), and nine don’t care bits. The ten address bits are used to spec-
ify which page of the memory array is to be erased. When a low-to-high transition occurs
on the CS pin, the part will erase the selected page to 1s. The erase operation is inter-
nally self-timed and should take place in a maximum time of t
PE. During this time, the
status register will indicate that the part is busy.
BLOCK ERASE: A block of eight pages can be erased at one time allowing the Buffer
to Main Memory Page Program without Built-in Erase command to be utilized to reduce
programming times when writing large amounts of data to the device. To perform a
Block Erase, an opcode of 50H must be loaded into the device, followed by five
reserved bits, seven address bits (PA9 -PA3), and 12 don’t care bits. The seven address
bits are used to specify which block of eight pages is to be erased. When a low-to-high
transition occurs on the CS pin, the part will erase the selected block of eight pages to
1s. The erase operation is internally self-timed and should take place in a maximum
time of t
BE. During this time, the status register will indicate that the part is busy.
Block Erase Addressing
PA9
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
0000000
X
X
X
0
0000001
X
X
X
1
0000010
X
X
X
2
0000011
X
X
X
3
1111100
X
X
X
124
1111101
X
X
X
125
1111110
X
X
X
126
1111111
X
X
X
127


Similar Part No. - AT45DB021B-CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021B-CC ATMEL-AT45DB021B-CC Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B-CC ATMEL-AT45DB021B-CC Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
More results

Similar Description - AT45DB021B-CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
   8-megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com