Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2074DBR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2074DBR
Description  FOUR-PORT USB HUB POWER CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2074DBR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2074DBR Datasheet HTML 1Page - Texas Instruments TPS2074DBR Datasheet HTML 2Page - Texas Instruments TPS2074DBR Datasheet HTML 3Page - Texas Instruments TPS2074DBR Datasheet HTML 4Page - Texas Instruments TPS2074DBR Datasheet HTML 5Page - Texas Instruments TPS2074DBR Datasheet HTML 6Page - Texas Instruments TPS2074DBR Datasheet HTML 7Page - Texas Instruments TPS2074DBR Datasheet HTML 8Page - Texas Instruments TPS2074DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS2074, TPS2075
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS288A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PG_DLY†
1
Adjusts the PG time delay with a capacitor to ground. Adjust the pulse width to fit the application.
EN1
2
I
Active-low enable for OUT1
AGND
3
Analog ground
PG
4
O
Logic output, power good
SP
5
I
Self-power voltage input, connects to local power supply
SP
6
I
Self-power voltage input, connects to local power supply
NC
7
No internal connection
3.3V_OUT
8
O
3.3-V internal voltage regulator output
BPMODE‡
9
O
A logic signal that indicates if the outputs source from the bus-powered supply, BPMODE (TPS2074) or BPMODE
(TPS2075), can be used to signal the hub controller.
DP0_RST
10
O
Connects to DP signal from upstream hub/host through an external 1.5-k
Ω resistor
EN2
11
I
Active-low enable for OUT2
DGND
12
Digital ground
EN3
13
I
Active-low enable for OUT3
EN4
14
I
Active-low enable for OUT4
OC1
15
O
Logic output, overcurrent response for OUT1
OC2
16
O
Logic output, overcurrent response for OUT2
OC3
17
O
Logic output, overcurrent response for OUT3
OC4
18
O
Logic output, overcurrent response for OUT4
OUT4
19
O
Power switch output for downstream ports
OUT3
20
O
Power switch output for downstream ports
OUT2
21
O
Power switch output for downstream ports
OUT1
22
O
Power switch output for downstream ports
BP
23
I
Bus power voltage input, connect to VBUS
BP_DIS
24
I
Active-high logic input, disables autoswitch to bus power when self power is disconnected. Connect to BP or GND
† Use the following formula to calculate the capacitance needed;
C = (desired pulse width
× 3 × 10–6 / 1.22
‡ Pin 9 is active low for TPS2074 and active high for TPS2075.


Similar Part No. - TPS2074DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074DB TI-TPS2074DB Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DB TI1-TPS2074DB Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DBG4 TI1-TPS2074DBG4 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2074DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070 Datasheet
472Kb / 29P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com