Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2074DBR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS2074DBR
Description  FOUR-PORT USB HUB POWER CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2074DBR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2074DBR Datasheet HTML 17Page - Texas Instruments TPS2074DBR Datasheet HTML 18Page - Texas Instruments TPS2074DBR Datasheet HTML 19Page - Texas Instruments TPS2074DBR Datasheet HTML 20Page - Texas Instruments TPS2074DBR Datasheet HTML 21Page - Texas Instruments TPS2074DBR Datasheet HTML 22Page - Texas Instruments TPS2074DBR Datasheet HTML 23Page - Texas Instruments TPS2074DBR Datasheet HTML 24Page - Texas Instruments TPS2074DBR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
TPS2074, TPS2075
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS288A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
22
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
D+
D–
GND
5 V
0.1
µF
DP0
DM0
EECLK
EEDATA
EXTMEM
SUSPEND
C
D
A
B
SN75240
BUSPWR
RESET
VCC1_3.3
VCC2_3.3
0.1
µF
10
µF
XTAL1
XTAL2
33 pF
6 MHz
33 pF
1.5 k
TSTPLL
TSTMODE
GND
GND
PWRON1
OVRCUR1
PWRON2
OVRCUR2
PWRON3
OVRCUR3
PWRON4
OVRCUR4
EN1
OC1
EN2
OC2
EN3
OC3
EN4
OC4
3.3 V
4.7
µF
0.1
µF
SP
SP
5 V Power
Supply
0.1
µF
68
µF
PG
BPMODE
DP0_RST
1.5 k
BP
DGND
AGND
0.1
µF
33
µF
PG_DLY
BP_DIS
D+
D–
GND
5 V
D+
D–
GND
5 V
C
D
A
B
SN75240
D+
D–
GND
5 V
D+
D–
GND
5 V
C
D
A
B
SN75240
33
µF
33
µF
33
µF
OUT4
OUT3
OUT2
OUT1
TPS2075
TUSB2046B
DM4
DP4
DM3
DP3
DM2
DP2
DM1
DP1
Downstream
Ports
Upstream
Ports
Figure 33. USB Hybrid Hub Using TPS2075 Power Controller and TUSB2046 Hub Controller


Similar Part No. - TPS2074DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074DB TI-TPS2074DB Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DB TI1-TPS2074DB Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DBG4 TI1-TPS2074DBG4 Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2074DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070 Datasheet
472Kb / 29P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com