Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2074DBR Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS2074DBR
Description  FOUR-PORT USB HUB POWER CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2074DBR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS2074DBR Datasheet HTML 16Page - Texas Instruments TPS2074DBR Datasheet HTML 17Page - Texas Instruments TPS2074DBR Datasheet HTML 18Page - Texas Instruments TPS2074DBR Datasheet HTML 19Page - Texas Instruments TPS2074DBR Datasheet HTML 20Page - Texas Instruments TPS2074DBR Datasheet HTML 21Page - Texas Instruments TPS2074DBR Datasheet HTML 22Page - Texas Instruments TPS2074DBR Datasheet HTML 23Page - Texas Instruments TPS2074DBR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
TPS2074, TPS2075
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS288A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
20
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
undervoltage lockout (UVLO)
An undervoltage lockout ensures that the device (LDO and switches) is in the off state at power up. The UVLO
will also keep the device from being turned on until the power supply has reached the start threshold (see
undervoltage lockout table), even if the switches are enabled. The UVLO will activate whenever the input
voltage falls below the stop threshold as defined in the undervoltage lockout table. This facilitates the design
of hot-insertion systems where it is not possible to turn off the power switches before input power is removed.
Upon reinsertion, the power switches will be turned on with a controlled rise time to reduce EMI and voltage
overshoots.
self-power to bus-power or bus-power to self-power transition
An autoswitching function between bus-powered mode and self-powered mode is a feature of the TPS2074 and
TPS2075. When this feature is enabled (BP_DIS is inactive) and SP is removed or applied, a transition will be
initiated. The transition sequence begins with the internal LDO being turned off and its external capacitance
discharged. Any enabled switches are also turned off and the external capacitors discharged. Once the LDO
and switch outputs are low, the internal logic will turn the LDO back on. This entire sequence occurs whenever
power to the SP input is removed or applied, regardless of the source of power, i.e., an external power supply
or the use of the external regulator.
universal serial bus (USB) applications
The universal serial bus (USB 1.1) interface is a 12-Mb/s, 1.5-Mb/s, or 480 Mb/s (USB 2.0), multiplexed serial
bus designed for low-to-medium bandwidth PC peripherals (e.g., keyboards, printers, scanners, and mice). The
four-wire USB interface is conceived for dynamic attach-detach (hot plug-unplug) of peripherals. Two lines are
provided for differential data, and two lines are provided for 5-V power distribution.
USB data is a 3.3-V-level signal, but power is distributed at 5 V to allow for voltage drops in cases where power
is distributed through more than one hub or across long cables. Each function must provide its own regulated
3.3 V from the 5-V input or its own internal power supply.
The USB specification defines the following five classes of devices, each differentiated by power-consumption
requirements:
D Hosts/self-powered hubs (SPH)
D Bus-powered hubs (BPH)
D Low-power, bus-powered functions
D High-power, bus-powered functions
D Self-powered functions
Self-powered and bus-powered hubs distribute data and power to downstream functions. The TPS2074 and
TPS2075 can provide power-distribution solutions for hybrid hubs that need switching between BPH and SPH
according to power availability and application requirements.


Similar Part No. - TPS2074DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074DB TI-TPS2074DB Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DB TI1-TPS2074DB Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DBG4 TI1-TPS2074DBG4 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2074DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070 Datasheet
472Kb / 29P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com