Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2074DBR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2074DBR
Description  FOUR-PORT USB HUB POWER CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2074DBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2074DBR Datasheet HTML 6Page - Texas Instruments TPS2074DBR Datasheet HTML 7Page - Texas Instruments TPS2074DBR Datasheet HTML 8Page - Texas Instruments TPS2074DBR Datasheet HTML 9Page - Texas Instruments TPS2074DBR Datasheet HTML 10Page - Texas Instruments TPS2074DBR Datasheet HTML 11Page - Texas Instruments TPS2074DBR Datasheet HTML 12Page - Texas Instruments TPS2074DBR Datasheet HTML 13Page - Texas Instruments TPS2074DBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS2074, TPS2075
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS288A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VI(BP) = VI(SP) = 5 V
TA = 25°C
CL = 10 µF
RL = 10 Ω
t – time – ms
VI(EN)
(2 V/div)
VO(OUT)
(2 V/div)
VI(BP) = VI(SP) = 5 V
TA = 25°C
CL = 10 µF
RL = 10 Ω
t – time – ms
VI(EN)
(2 V/div)
VO(out)
(2 V/div)
Figure 5. Turnon Delay and Rise Time
(SP Switch)
Figure 6. Turnoff Delay and Fall Time
(SP Switch)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
0
4
8
12
16
20
2428
3236
40
TA = 25°C
CL = 4.7 µF
RL = 33 Ω
t – time – ms
VI(BP)
(2 V/div)
VO
3.3V_OUT)
(1 V/div)
Figure 7. Turnon Delay and Rise Time
(3.3V_OUT)
0
20
40
60
80
100 120 140 160 180 200
TA = 25°C
CL = 4.7 µF
RL = 33 Ω
t – time – ms
VI(BP)
(2 V/div)
VO
(3.3V_OUT)
(1 V/div)
Figure 8. Turnoff Delay and Fall Time
(3.3V_OUT)


Similar Part No. - TPS2074DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074DB TI-TPS2074DB Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DB TI1-TPS2074DB Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DBG4 TI1-TPS2074DBG4 Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2074DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070 Datasheet
472Kb / 29P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com