Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC823450RAH.2H Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC823450RAH.2H
Description  Low Power & High-Resolution Audio Processing System LSI
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450RAH.2H Datasheet(HTML) 5 Page - ON Semiconductor

  LC823450RAH.2H Datasheet HTML 1Page - ON Semiconductor LC823450RAH.2H Datasheet HTML 2Page - ON Semiconductor LC823450RAH.2H Datasheet HTML 3Page - ON Semiconductor LC823450RAH.2H Datasheet HTML 4Page - ON Semiconductor LC823450RAH.2H Datasheet HTML 5Page - ON Semiconductor LC823450RAH.2H Datasheet HTML 6Page - ON Semiconductor LC823450RAH.2H Datasheet HTML 7Page - ON Semiconductor LC823450RAH.2H Datasheet HTML 8Page - ON Semiconductor LC823450RAH.2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
LC823450
www.onsemi.com
5
Block Diagram
(1ch
×3)
(2ch
×4)
Class−D
AMP
SWD/SWV
ICE
JTAG
ICE
1Mhz
50MHz
32.768kHz
XTRTC
XT1
ARM Cortex−M3
ARM Cortex−M3
LPDSP32
DMAC
(8ch)
Multilayer Bus
EXT4
S−Flash I/F
(1ch)
SDRAM
CTRL
ISOLATED−G
Reset
Controller
Cache
(16 Kbyte)
BASIC
ISOLATED−E
External
Memory
Controller
BUF
(4.5 Kbyte)
USB 2.0
Host
USB 2.0
Device
USB 2.0
PHY
XT1
Main
Module
Manager
Plain
Timer
Multiple
Timer
EXT1
ISOLATED−H
BUF
(512/512 byte x 3)
OSC
System
PLL
SD I/F
(3ch)
MS I/F
MS PB
XT1
XTRTC
RC
EXT3
Audio Buffer
(64 Kbyte)
MP3
Decoder
PCM
I/F
PCM
I/F
MP3
Encoder
Digital
Mic
16bit Audio
DAC
ISOLATED−A
ATM
BEEP
VOLUME
EQ3
METER
MUTE
SSRC
ASRC
OSC
Audio PLL
BCK0/1
MCLK0/1
(PCM I/F)
XT1
XTRTC AHB CLK
(HCLK)
ISOLATED−F
not used
intenationally
EXT2
not used
intenationally
SPI
(1ch)
RTC
XTRTC
APB
Bridge
SRAM
(120k byte)
ROM
(220k byte)
ISOLATED−D
SRAM
(512k byte)
SRAM
(512k byte)
ISOLATED−B
ISOLATED−C
ISOLATED−I
SRAM
(512k byte)
ROM
(256k byte)
ROM
(220k byte)
10bit ADC
(6ch)
PORT0
∼4
(80 I/O)
UART
(3ch)
PORT5
(10 I/O)
I2C
(2ch)
ISOLATED
Figure 1. Top


Similar Part No. - LC823450RAH.2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450TA-2H ONSEMI-LC823450TA-2H Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450XATBG ONSEMI-LC823450XATBG Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450XBTBG ONSEMI-LC823450XBTBG Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450XCTBG ONSEMI-LC823450XCTBG Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
More results

Similar Description - LC823450RAH.2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823455 ONSEMI-LC823455 Datasheet
1Mb / 109P
   Low Power & High-Resolution Audio Processing System SoC for Portable Sound Solution
March, 2021 ??Rev. 2
logo
List of Unclassifed Man...
XHRA-2HPA-TQ64-C ETC2-XHRA-2HPA-TQ64-C Datasheet
370Kb / 2P
   AFFORDABLE HI-RESOLUTION AUDIO PROCESSING
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com