Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A8007 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15A8007
Description  TECHNICAL DATA SHEET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A8007 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A8007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A8007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A8007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A8007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A8007 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PE15A8007 REV
6 GHz to 18 GHz, Gain Block Amplifier, 17 dB Gain, 4.5 dB NF, SMA
PE15A8007 CAD Drawing


Similar Part No. - PE15A8007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A8000 PASTERNACK-PE15A8000 Datasheet
489Kb / 4P
   Unconditionally Stable
PE15A8001 PASTERNACK-PE15A8001 Datasheet
392Kb / 3P
   Unconditionally Stable
PE15A8004 PASTERNACK-PE15A8004 Datasheet
434Kb / 5P
   TECHNICAL DATA SHEET
PE15A8005 PASTERNACK-PE15A8005 Datasheet
428Kb / 5P
   TECHNICAL DATA SHEET
PE15A8006 PASTERNACK-PE15A8006 Datasheet
426Kb / 5P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A8007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com