Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A4029 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A4029
Description  TECHNICAL DATA SHEET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4029 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A4029 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TECHNICAL DATA SHEET
The PE15A4029 distributed amplifier operates across a wide frequency band from 10 MHz to 20 GHz. The design utilizes
GaAs PHEMT MMIC technology for high efficiency and high linearity. Typical performance at 10 GHz includes 13 dB of small
signal gain, 3 dB noise figure, +29 dBm output IP3, and +17 dBm of P1dB. The design exhibits a very flat gain response
across the entire frequency band. Input/output ports are matched for 50 ohms and are DC blocked. The design also
incorporates integrated bias sequencing circuitry and voltage regulators to allow for flexible biasing for both the negative and
positive voltage supplies. The drop-in package is hermetically sealed with field replaceable SMA connectors. And for added
confidence, this rugged package assembly is designed to meet MIL-STD-883 test conditions for Hermeticity and Temperature
Cycle.
Features
Driver Amplifier
Extremely wide frequency band
GaAs PHEMT MMIC Technology
Gain 13 dB @ 10 GHz
High Output IP3 +29 dBm @ 10 GHz
P1dB +17 dBm
Regulated Supply and Bias Sequencing
Hermetically Sealed Module
Mil Spec Compliant
Field Replaceable SMA Connectors
-55°C to +85°C Operating Temperature
Applications
Electronic Warfare
Electronic Countermeasures
Microwave Radio
VSAT
• Radar
Space Systems
Test Instrumentation
Telecom Infrastructure
Electrical Specifications (TA = +25°C)
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.01
20
GHz
Gain
13
dB
Output at 1 dB Compression Point
+17
dBm
Operating Temperature Range (OTR)
-55
+85
°C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 17 dBm P1dB, 10 MHz to 20 GHz, Medium Power Broadband Amplifier, 13 dB Gain, SMA
PE15A4029
PE15A4029
PE15A4029 REV 1.0
17 dBm P1dB, 10 MHz to 20 GHz, Medium Power
Broadband Amplifier, 13 dB Gain, SMA


Similar Part No. - PE15A4029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4020 PASTERNACK-PE15A4020 Datasheet
396Kb / 3P
   TECHNICAL DATA SHEET
PE15A4021 PASTERNACK-PE15A4021 Datasheet
479Kb / 4P
   Unconditionally Stable
PE15A4022 PASTERNACK-PE15A4022 Datasheet
459Kb / 6P
   20 dBm P1dB, 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 6 dB NF, 2.92mm
PE15A4023 PASTERNACK-PE15A4023 Datasheet
448Kb / 5P
   WR-12, Waveguide Power Amplifier, E Band, 70.5 GHz to 76.5 GHz, 25 dB Gain, 22 dBm Psat, UG-387 - U Flange
PE15A4024 PASTERNACK-PE15A4024 Datasheet
437Kb / 5P
   WR-12, Waveguide Power Amplifier, E Band, 80.5 GHz to 86.5 GHz, 20 dB Gain, 19 dBm Psat, UG-387 - U Flange
More results

Similar Description - PE15A4029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com