Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A4029 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15A4029
Description  TECHNICAL DATA SHEET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4029 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A4029 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
TECHNICAL DATA SHEET
PE15A4029
PE15A4029 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 17 dBm P1dB, 10 MHz to 20 GHz, Medium Power Broadband Amplifier, 13 dB Gain, SMA
PE15A4029
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.001
0.01
0.1
1
10
S21
S11
S22
FREQUENCY (GHz)
Group Delay
Deviation from Linear Phase
Low Frequency Gain and Return Loss
-200
-175
-150
-125
-100
-75
-50
-25
0
2
0
4
6
8
10
FREQUENCY (GHz)
-5
-3
-1
1
3
5
0
2
4
6
8
10
FREQUENCY (GHz)
20
24
28
32
36
40
0
3
6
9
12
15
18
21
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
14
18
22
26
30
0
3
6
9
12
15
18
21
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
14
18
22
26
30
0
3
6
9
12
15
18
21
+25 C
+85 C
-55 C
FREQUENCY (GHz)
17 dBm P1dB, 10 MHz to 20 GHz, Medium Power
Broadband Amplifier, 13 dB Gain, SMA


Similar Part No. - PE15A4029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4020 PASTERNACK-PE15A4020 Datasheet
396Kb / 3P
   TECHNICAL DATA SHEET
PE15A4021 PASTERNACK-PE15A4021 Datasheet
479Kb / 4P
   Unconditionally Stable
PE15A4022 PASTERNACK-PE15A4022 Datasheet
459Kb / 6P
   20 dBm P1dB, 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 6 dB NF, 2.92mm
PE15A4023 PASTERNACK-PE15A4023 Datasheet
448Kb / 5P
   WR-12, Waveguide Power Amplifier, E Band, 70.5 GHz to 76.5 GHz, 25 dB Gain, 22 dBm Psat, UG-387 - U Flange
PE15A4024 PASTERNACK-PE15A4024 Datasheet
437Kb / 5P
   WR-12, Waveguide Power Amplifier, E Band, 80.5 GHz to 86.5 GHz, 20 dB Gain, 19 dBm Psat, UG-387 - U Flange
More results

Similar Description - PE15A4029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com