Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A4029 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A4029
Description  TECHNICAL DATA SHEET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4029 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A4029 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A4029 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Performance by Frequency
Description
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
GHz
Gain
14
16
13
15
10
13
dB
Gain Flatness
±0.75
±0.75
±1.0
dB
Gain Variation Over Temperature
0.018
0.025
0.018
0.025
0.018
0.025
dB/ °C
Noise Figure
3.5
3
4
dB
Input Return Loss
19
17
10
dB
Output Return Loss
14
14
12
dB
Output Power For 1 dB Compression
(P1dB)
20
24
19
23
17
20
dBm
Saturated Output Power (Psat)
26
25
22
dBm
Output Third Order Intercept (IP3)
33
30
25
dBm
Saturated Output Voltage
10
10
8
Vpk-pk
Group Delay
±3
±3
±3
ps
Positive Supply Current (+Idc)
225
225
225
mA
Negative Supply Current (-Idc)
1.6
1.6
1.6
mA
0.010 - 6.0
6.0 - 12.0
12.0 - 20.0
Mechanical Specifications
.
Weight
0.06 lbs [27.22 g]
Input Connector
SMA Female
Output Connector
SMA Female
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
PE15A4029
PE15A4029 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 17 dBm P1dB, 10 MHz to 20 GHz, Medium Power Broadband Amplifier, 13 dB Gain, SMA
PE15A4029
17 dBm P1dB, 10 MHz to 20 GHz, Medium Power
Broadband Amplifier, 13 dB Gain, SMA


Similar Part No. - PE15A4029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4020 PASTERNACK-PE15A4020 Datasheet
396Kb / 3P
   TECHNICAL DATA SHEET
PE15A4021 PASTERNACK-PE15A4021 Datasheet
479Kb / 4P
   Unconditionally Stable
PE15A4022 PASTERNACK-PE15A4022 Datasheet
459Kb / 6P
   20 dBm P1dB, 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 6 dB NF, 2.92mm
PE15A4023 PASTERNACK-PE15A4023 Datasheet
448Kb / 5P
   WR-12, Waveguide Power Amplifier, E Band, 70.5 GHz to 76.5 GHz, 25 dB Gain, 22 dBm Psat, UG-387 - U Flange
PE15A4024 PASTERNACK-PE15A4024 Datasheet
437Kb / 5P
   WR-12, Waveguide Power Amplifier, E Band, 80.5 GHz to 86.5 GHz, 20 dB Gain, 19 dBm Psat, UG-387 - U Flange
More results

Similar Description - PE15A4029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com