Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS7N80H Datasheet(PDF) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS7N80H
Description  Electronic ballast
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS7N80H Datasheet(HTML) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS7N80H Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
R
JCS7N80H
版本:201506B
7/9
外形尺寸 PACKAGE MECHANICAL DATA
TO-220C
单位 Unit:mm


Similar Part No. - JCS7N80H

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS7N80C JSMC-JCS7N80C Datasheet
564Kb / 8P
   N-CHANNEL MOSFET
201809A
JCS7N80FC-F1-B JSMC-JCS7N80FC-F1-B Datasheet
564Kb / 8P
   N-CHANNEL MOSFET
201809A
JCS7N80FC-F1-BR JSMC-JCS7N80FC-F1-BR Datasheet
564Kb / 8P
   N-CHANNEL MOSFET
201809A
More results

Similar Description - JCS7N80H

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
   Electronic ballast
JCS4N65VE JSMC-JCS4N65VE Datasheet
823Kb / 13P
   Electronic ballast
JCS6N70C JSMC-JCS6N70C Datasheet
1Mb / 16P
   Electronic ballast
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
   Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
   Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
   Electronic Dimming Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com