Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS7N80H Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS7N80H
Description  Electronic ballast
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS7N80H Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS7N80H Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N80H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R
JCS7N80H
版本:201506B
3/9
电特性 ELECTRICAL CHARACTERISTICS
Parameter
符 号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单 位
Units
关态特性 Off
–Characteristics
漏-源击穿电压
Drain-Source Voltage
BVDSS
ID=250μA, VGS=0V
800
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBV
DSS
TJ
ID=250μA, referenced to
25℃
-
0.92
-
V/℃
零栅压下漏极漏电流
Zero Gate Voltage Drain Current
IDSS
VDS=800V,VGS=0V,
TC=25℃
-
-
5
μA
VDS=640V,
TC=125℃
-
-
100
μA
正向栅极体漏电流
Gate-body leakage current,
forward
IGSSF
VDS=0V, VGS =30V
-
-
100
nA
反向栅极体漏电流
Gate-body leakage current,
reverse
IGSSR
VDS=0V, VGS =-30V
-
-
-100
nA
通态特性 On-Characteristics
阈值电压
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID=250μA
3.0
-
5.0
V
静态导通电阻
Static Drain-Source
On-Resistance
RDS(ON)
VGS =10V , ID=3.5A
-
1.3
1.6
正向跨导
Forward Transconductance
gfs
VDS = 50V, ID=3.5A(note 4)
-
5.5
-
S
动态特性 Dynamic Characteristics
输入电容
Input capacitance
Ciss
VDS=25V,
VGS =0V,
f=1.0MHZ
-
1288 1700
pF
输出电容
Output capacitance
Coss
-
129
150
pF
反向传输电容
Reverse transfer capacitance
Crss
-
11
14
pF


Similar Part No. - JCS7N80H

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS7N80C JSMC-JCS7N80C Datasheet
564Kb / 8P
   N-CHANNEL MOSFET
201809A
JCS7N80FC-F1-B JSMC-JCS7N80FC-F1-B Datasheet
564Kb / 8P
   N-CHANNEL MOSFET
201809A
JCS7N80FC-F1-BR JSMC-JCS7N80FC-F1-BR Datasheet
564Kb / 8P
   N-CHANNEL MOSFET
201809A
More results

Similar Description - JCS7N80H

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
   Electronic ballast
JCS4N65VE JSMC-JCS4N65VE Datasheet
823Kb / 13P
   Electronic ballast
JCS6N70C JSMC-JCS6N70C Datasheet
1Mb / 16P
   Electronic ballast
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
   Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
   Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
   Electronic Dimming Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com