Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HS-1000
Description  SOCKET 370 133 MHZ FSB INDUSTRIAL ATX MOTHERBOARD WITH VGA AUDIO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HS-1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HS-1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Engine Board
Engine Board
Embedded
Embedded
Ordering Guide
HS-1000 Socket 370 133MHz FSB Industrial ATX Motherboard w/CRT & Audio
Features
Socket 370 for Intel Celeron/Coppermine/Tualatin
633MHz~1.3GHz CPU
● Supports 100/133MHz FSB
● Two DIMM sockets with a max. capacity of 1GB
● VIA VT8601T/VT82C686B system chipset
● VIA VT82C686B super I/O chipset
● VIA VT8601T display controller
● AC97 3D audio controller
● Fast PCI ATA/33/66/100 IDE controller
● One COM, one game port, four USB ports
● Hardware Monitor function
*CPU: Socket 370 for Intel Celeron/Coppermine/Tualatin
633MHz~1.3GHz CPU
*Front Side Bus: Supports 100/133MHz FSB
*Memory: Two DIMM sockets supporting up to 1GB
*Chipset: VIA VT8601T/VT82C686B
*I/O Chipset: VIA VT82C686B
*Slot: Two PCI, two ISA, and one CNR slots
*VGA: VIA VT8601T integrated Trident 3D supporting AGP
Bus
*Audio: AC97 3D audio controller
*IDE: Four IDE disk drives supporting ATA/33/66/100 and
with transfer rates of 33/66/100MB/sec.
*FDD: Supports up to two floppy disk drives
*Parallel: One enhanced bi-directional parallel port
supporting SPP/ECP/EPP
*Serial Port: 16C550 UART-compatible RS-232 x 1 serial
ports with 16-byte FIFO
*Game Port: Supports one Joystick game port
*USB: Four USB ports, two internal and two external
*Keyboard: PS/2 6-pin Mini DIN
*Mouse: PS/2 6-pin Mini DIN
*BIOS: AMI PnP Flash BIOS
*CMOS: Battery backup
*Power Connector: One 20-pin ATX power connector
*Temperature: 0~+60
oC (operating)
*Hardware Monitor: VIA VT82C686B
*Dimensions: 24.4(L) x 19.1(W) cm
Specifications
Socket 370 133MHz FSB Industrial ATX Motherboard with
VGA & Audio
133MHz FSB
CRT
ATA/33/66/100
Audio
COM
Game Port
USB
H/W Monitor
HS-1000
Fan
PCI Slot
Battery
CNR Slot
DIMM Socket
FDD
PS/2 KB
PS/2 MS
VT8601T
20-pin ATX
Power In
Socket 370
Audio
Game Port
AMI BIOS
Internal USB
VT82C686B
IDE
COM
External USB
CRT
Parallel
ISA Slot
Beyond IPC
Architectural Expertise
Germany
TEL: +49 221 954790
FAX: +49 221 9547988
U.S.A
TEL: +1 650 9673898
FAX: +1 650 4281172
Italy
TEL: +39 051 452042
FAX: +39 051 455046
Finland
TEL: +358 2 6203753
FAX: +358 2 6203770
Israel
TEL: +972 3 9203456
FAX: +972 3 9203535
ShangHai/BeiJing
TEL: 021 51098750
FAX: 021 63456286
U.K.
TEL: +44 1543 462146
FAX: +44 1543 466553
France
TEL: +33 1 69061790
FAX: +33 1 69433732
Korea
TEL: +82 2 32823999
FAX: +82 2 32823992
India
TEL: +91 657 3107955
FAX: +91 657 2433941
ISO 9001
Certification
15F-6, No. 77, Hsin Tai Wu Road, Sec. 1, Hsichih, Taipei Hsien 221 Taiwan
TEL: 886-2-26983333
FAX: 886-2-26983300
http://www.boser.com.tw / http://www.ipc.com.tw
E-mail: webmaster@boser.com.tw / sales@boser.com.tw
BOSER Technology Co., Ltd.
BOSER Technology Co., Ltd.
Communications
I
In e
Alliance
Affiliate Member
BRONZE
R


Similar Part No. - HS-1000

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HS-101 KODENSHI-HS-101 Datasheet
216Kb / 2P
Reflective sensors
HS-101S KODENSHI-HS-101S Datasheet
215Kb / 2P
Reflective sensors
logo
AG Electronica
HS-1065 AGELECTRONICA-HS-1065 Datasheet
318Kb / 1P
ELEMENTO TÉRMICO PARA LÁPIZ ST-2065D 65W
18/04/2023
More results

Similar Description - HS-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM-9577 ETC-PCM-9577 Datasheet
263Kb / 2P
Socket 370 SBC with Gigabit LAN, USB2.0, VGA/LCD and Audio
logo
BOSER Technology Co., L...
HS-6038 BOSER-HS-6038 Datasheet
3Mb / 86P
Socket 370 133MHz FSB Industrial Single Board Computer
HS-6050 BOSER-HS-6050 Datasheet
1Mb / 94P
Socket 370 133MHz FSB PICMG Bus Industrial Single Board Computer
HS-6251 BOSER-HS-6251 Datasheet
2Mb / 88P
Socket 370 133MHz FSB Industrial Single Board Computer
logo
Advantech Co., Ltd.
AIMB-742-L ADVANTECH-AIMB-742-L Datasheet
480Kb / 2P
Socket 478 Pentium짰 4/Celeron짰 Industrial ATX Motherboard with Dual DDR/Dual Ethernet LAN(400/533/800 MHz FSB)
logo
AAEON Technology
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
ATX Industrial Motherboard
IMBA-H61A AAEON-IMBA-H61A_15 Datasheet
460Kb / 2P
ATX Industrial Motherboard
logo
Axiomtek Co., Ltd.
IMB204 AXIOMTEK-IMB204_17 Datasheet
272Kb / 1P
ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
IMB207 AXIOMTEK-IMB207_17 Datasheet
239Kb / 1P
ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
IMB208 AXIOMTEK-IMB208_17 Datasheet
284Kb / 1P
ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com